Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECE1200 Datasheet(PDF) 74 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 74 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 70Page - Microchip Technology ECE1200 Datasheet HTML 71Page - Microchip Technology ECE1200 Datasheet HTML 72Page - Microchip Technology ECE1200 Datasheet HTML 73Page - Microchip Technology ECE1200 Datasheet HTML 74Page - Microchip Technology ECE1200 Datasheet HTML 75Page - Microchip Technology ECE1200 Datasheet HTML 76Page - Microchip Technology ECE1200 Datasheet HTML 77Page - Microchip Technology ECE1200 Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 87 page
background image
ECE1200
DS00003093C Draft-page 74
 2018-2021 Microchip Technology Inc.
9.7.4
TEARDOWN FROM S0 TO S5, LPC CLOCKS RUNNING
FIGURE 9-4:
TEARDOWN FROM S0 TO S5, LPC CLOCKS RUNNING
LPC_EN
(pin in)
3.3V
ASYNCH
Stop
SUS_STAT#
(VWire Down
to pin out)
3.3V
LAD[3:0],
SERIRQ
3.3V
Running
3.3V
CLKRUN#
as PCH_PWROK, via SLP_S3# (invisible)
S0
Running
SUSCLK
32KHz
3.3V
LPC_CLK[1:0]
3.3V
SLP_EN bit
(invisible, in PCH)
HOST_RESET_WARN
(VWire Down)
Transition below S0
HOST_RESET_ACK
(VWire Up if CS0#,
pin out if CS1#)
Transmitted as VWire edge up if Primary.
Presented on pin instead if Secondary.
Kept Running
(CLKRUN bits bypassed)
Running
(CLKRUN bits reset)
Idle,
float
PLTRST#
(pin in)
3.3V
Would be
cleared here,
but no edge in
this case.
from PCH
Reset internally, float
Sleep
S3 to S5
Running
eSPI Bus
1.8V
Bypass
CLKRUN bits.
Driven low
Notes in red indicate aspects unique to this scenario.
These edges happen only when a sub-S0
Sleep or Shutdown is being performed.
Driven low
Running
(LPC / SERIRQ Traffic)
Forced low
eSPI Requests done but an LPC
Mem Write may be in progress.
Wait for LPC done. No error report.
Issue Continuous Mode frame on
SERIRQ and wait for it to end.
Then send ACK edge if on CS0#.
Idle, potentially
driven
LFRAME#
3.3V
Running
(Host CPU reset)
Idle, driven
inactive
Idle,
driven
low.
Initially low
205us min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com