Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECE1200 Datasheet(PDF) 65 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 65 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 61Page - Microchip Technology ECE1200 Datasheet HTML 62Page - Microchip Technology ECE1200 Datasheet HTML 63Page - Microchip Technology ECE1200 Datasheet HTML 64Page - Microchip Technology ECE1200 Datasheet HTML 65Page - Microchip Technology ECE1200 Datasheet HTML 66Page - Microchip Technology ECE1200 Datasheet HTML 67Page - Microchip Technology ECE1200 Datasheet HTML 68Page - Microchip Technology ECE1200 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 87 page
background image
 2018-2021 Microchip Technology Inc.
DS00003093C Draft-page 65
ECE1200
9.0
TIMING DIAGRAMS
9.1
SUSCLK Input Timing
Note:
Timing values are preliminary and may change after characterization.
TABLE 9-1:
SUSCLK TIMING PARAMETERS
Parameter
Symbol
MIN
TYP
MAX
Unit
Notes
Period
t1
30.52
us
1
High Time
t2
10
2
Low Time
t3
2
Rise Time
t4
1
2
Fall Time
t5
2
Frequency
1 / t1
32.768
kHz
1
Note 1: Period is required to be accurate within +/- 100ppm.
2: High, Low, Rise and Fall times use reference points of 20% and 80% of the full voltage swing, as shown.
t1
t2
t3
t4
SUSCLK
t5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com