Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECE1200 Datasheet(PDF) 75 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 75 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 71Page - Microchip Technology ECE1200 Datasheet HTML 72Page - Microchip Technology ECE1200 Datasheet HTML 73Page - Microchip Technology ECE1200 Datasheet HTML 74Page - Microchip Technology ECE1200 Datasheet HTML 75Page - Microchip Technology ECE1200 Datasheet HTML 76Page - Microchip Technology ECE1200 Datasheet HTML 77Page - Microchip Technology ECE1200 Datasheet HTML 78Page - Microchip Technology ECE1200 Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 87 page
background image
 2018-2021 Microchip Technology Inc.
DS00003093C Draft-page 75
ECE1200
9.7.5
TEARDOWN FROM S0 TO S5, LPC CLOCKS OFF
FIGURE 9-5:
TEARDOWN FROM S0 TO S5, LPC CLOCKS OFF
LPC_EN
(pin in)
3.3V
ASYNCH
Stop
SUS_STAT#
(VWire Down
to pin out)
3.3V
LAD[3:0],
SERIRQ
3.3V
Running
3.3V
CLKRUN#
as PCH_PWROK, via SLP_S3# (invisible)
Idle
S0
Running
SUSCLK
32KHz
3.3V
LPC_CLK[1:0]
3.3V
Running
SLP_EN bit
(invisible, in PCH)
HOST_RESET_WARN
(VWire Down)
CLKRUN# high
period: stop clocks.
Idle period:
set CLKRUN# high.
S0 to Sleep
HOST_RESET_ACK
(VWire Up if CS0#,
pin out if CS1#)
Transmitted as VWire edge Up if Primary,
Presented as output pin if Secondary.
Running
(CLKRUN bits bypassed)
Running
(CLKRUN bits reset)
Idle,
float
PLTRST#
(pin in)
3.3V
Would be
reset, but no
edge in this
case.
from PCH
Reset,
float
SYNCH Restart
Sleep
S3 to S5
Running
eSPI Bus
1.8V
Bypass
CLKRUN bits.
(Host CPU reset)
Driven low
Driven low
y
Notes in red indicate aspects unique to this scenario.
These edges happen only when a sub-S0
Sleep or Shutdown is being performed.
This response is fast because
LPC and SERIRQ are already idle.
LFRAME#
3.3V
Running
Idle
205us min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com