Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECE1200 Datasheet(PDF) 43 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 43 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 39Page - Microchip Technology ECE1200 Datasheet HTML 40Page - Microchip Technology ECE1200 Datasheet HTML 41Page - Microchip Technology ECE1200 Datasheet HTML 42Page - Microchip Technology ECE1200 Datasheet HTML 43Page - Microchip Technology ECE1200 Datasheet HTML 44Page - Microchip Technology ECE1200 Datasheet HTML 45Page - Microchip Technology ECE1200 Datasheet HTML 46Page - Microchip Technology ECE1200 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 87 page
background image
 2018-2021 Microchip Technology Inc.
DS00003093C Draft-page 43
ECE1200
6.9.11
ESPI VIRTUAL WIRE ERRORS REGISTER
6.9.12
ESPI VIRTUAL WIRE ERROR EVENTS REGISTER
6.9.13
DEVICE REVISION REGISTER
Index
12h
Bits
Description
Type
Default
Reset Event
7 Reserved
R
0
-
6 Reserved
R
0
-
5 CLEAR_NFE
Write ‘1’ to clear the NFE_STATUS bit.
Reads as ‘0’ always.
WO
0
eSPI_RESET
4 NFE_STATUS
Current state of the ERROR_NONFATAL Virtual Wire.
Cleared by the CLEAR_NFE bit.
RO
0
eSPI_RESET
3 Reserved
R
0
-
2 Reserved
R
0
-
1 CLEAR_FE
Write ‘1’ to clear the FE_STATUS bit.
Reads as ‘0’ always.
W
0
eSPI_RESET
0 FE_STATUS
Current state of the ERROR_FATAL Virtual Wire.
Cleared by the CLEAR_FE bit.
RO
0
eSPI_RESET
Index
13h
Bits
Description
Type
Default
Reset Event
7 Reserved
R
0
-
6 Reserved
R
0
-
5 CLEAR_SCIE
Write ‘1’ to clear the SCIE_STATUS bit.
Reads as ‘0’ always.
W0
PLTRST
4 SCIE_STATUS
Current state of the SCI Error (‘1’ = forcing SCI# low).
Cleared by the CLEAR_SCIE bit.
RO
0
PLTRST
3 Reserved
R
0
-
2 Reserved
R
0
-
1CLEAR_SMIE
Write ‘1’ to clear the SMIE_STATUS bit.
Reads as ‘0’ always.
W0
PLTRST
0 SMIE_STATUS
Current state of the SMI Error (‘1’ = forcing SMI# low).
Cleared by the CLEAR_SMIE bit.
RO
0
PLTRST
Index
1Ch
Bits
Description
Type
Default
Reset Event
7:0 Device Revision
R
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com