Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECE1200 Datasheet(PDF) 19 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 19 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 15Page - Microchip Technology ECE1200 Datasheet HTML 16Page - Microchip Technology ECE1200 Datasheet HTML 17Page - Microchip Technology ECE1200 Datasheet HTML 18Page - Microchip Technology ECE1200 Datasheet HTML 19Page - Microchip Technology ECE1200 Datasheet HTML 20Page - Microchip Technology ECE1200 Datasheet HTML 21Page - Microchip Technology ECE1200 Datasheet HTML 22Page - Microchip Technology ECE1200 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 87 page
background image
 2018-2021 Microchip Technology Inc.
DS00003093C Draft-page 19
ECE1200
3.7
Chip Power Management Features
Various mode bits in the register set may be set in order to save power. Some of these are the standard LPC features
(Serial IRQ Quiet Mode, CLKRUN#), and some are added in order to place the part into deeper sleep states internally.
See Section 6.6, "Low Power Modes," on page 35.
Sleep states generally involve only gating clocking internally, and exiting them is nearly immediate. Waking from a Sleep
state only takes any significant amount of time if the ECE1200’s own Deep Sleep mode is selected
(VW_C10_STOPOSC in the Power Save Register) and the Host CPU is waking from the C10 power state. In this case
a delay in response happens until the 48 MHz Ring Oscillator restarts and locks again to its frequency. Note that this
delay may in turn be bypassed using the FORCE_OSC_LOCK bit, but this will provide an inaccurate (and slower) clock
until a true lock has been achieved.
A Wake from Deep Sleep may also be triggered by the CLKRUN# pin, generally because of the Quiet Mode mechanism.
It is necessary for the requesting device to tolerate the lack of LPC clocks during the Frequency Lock delay. The
ECE1200 also responds by pulling CLKRUN# low itself at this time, enabling clocks, since the interface is no longer idle.
When there is a delay involved in exiting Deep Sleep, any I/O instruction from the Host CPU will be held using the
Deferred Completion mechanism of eSPI until frequency lock has been acquired. Note that eSPI I/O traffic is not a Wake
mechanism, since the CPU has to have awakened already for it to do this. The eSPI interface will already have trans-
mitted the new HOST_C10 Virtual Wire state, which performs the Wake.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com