Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F72115D160FPV Datasheet(PDF) 442 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 442 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 438Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 439Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 440Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 441Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 442Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 443Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 444Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 445Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 446Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 442 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 418 of 1200
REJ09B0344-0200
10.3.18
Timer Read/Write Enable Register (TRWER)
TRWER is an 8-bit readable/writable register that enables or disables access to the registers and
counters which have write-protection capability against accidental modification in channels 3 and
4.
Bit:
Initial value:
R/W:
7654321
0
00000001
RRRRRRR
R/W
-------
RWE
Bit
Bit Name
Initial
Value
R/W
Description
7 to 1
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
0
RWE
1
R/W
Read/Write Enable
Enables or disables access to the registers which have
write-protection capability against accidental
modification.
0: Disables read/write access to the registers
1: Enables read/write access to the registers
[Clearing condition]
• When 0 is written to the RWE bit after reading
RWE = 1
• Registers and counters having write-protection capability against accidental modification
22 registers: TCR_3, TCR_4, TMDR_3, TMDR_4, TIORH_3, TIORH_4, TIORL_3,
TIORL_4, TIER_3, TIER_4, TGRA_3, TGRA_4, TGRB_3, TGRB_4, TOER, TOCR1,
TOCR2, TGCR, TCDR, TDDR, TCNT_3, and TCNT4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com