Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F72115D160FPV Datasheet(PDF) 443 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 443 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 439Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 440Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 441Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 442Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 443Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 444Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 445Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 446Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 447Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 443 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 419 of 1200
REJ09B0344-0200
10.3.19
Timer Output Master Enable Register (TOER)
TOER is an 8-bit readable/writable register that enables/disables output settings for output pins
TIOC4D, TIOC4C, TIOC3D, TIOC4B, TIOC4A, and TIOC3B. These pins do not output correctly
if the TOER bits have not been set. Set TOER of CH3 and CH4 prior to setting TIOR of CH3 and
CH4.
Bit:
Initial value:
R/W:
7654321
0
11000000
R
R
R/W
R/W
R/W
R/W
R/W
R/W
-
-
OE4D
OE4C
OE3D
OE4B
OE4A
OE3B
Bit
Bit Name
Initial
Value
R/W
Description
7, 6
—
All 1
R
Reserved
These bits are always read as 1. The write value should
always be 1.
5
OE4D
0
R/W
Master Enable TIOC4D
This bit enables/disables the TIOC4D pin MTU2 output.
0: MTU2 output is disabled (inactive level)*
1: MTU2 output is enabled
4
OE4C
0
R/W
Master Enable TIOC4C
This bit enables/disables the TIOC4C pin MTU2 output.
0: MTU2 output is disabled (inactive level)*
1: MTU2 output is enabled
3
OE3D
0
R/W
Master Enable TIOC3D
This bit enables/disables the TIOC3D pin MTU2 output.
0: MTU2 output is disabled (inactive level)*
1: MTU2 output is enabled
2
OE4B
0
R/W
Master Enable TIOC4B
This bit enables/disables the TIOC4B pin MTU2 output.
0: MTU2 output is disabled (inactive level)*
1: MTU2 output is enabled
1
OE4A
0
R/W
Master Enable TIOC4A
This bit enables/disables the TIOC4A pin MTU2 output.
0: MTU2 output is disabled (inactive level)*
1: MTU2 output is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com