Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7182ABCPZ Datasheet(PDF) 28 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 28 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 24Page - Analog Devices ADV7182ABCPZ Datasheet HTML 25Page - Analog Devices ADV7182ABCPZ Datasheet HTML 26Page - Analog Devices ADV7182ABCPZ Datasheet HTML 27Page - Analog Devices ADV7182ABCPZ Datasheet HTML 28Page - Analog Devices ADV7182ABCPZ Datasheet HTML 29Page - Analog Devices ADV7182ABCPZ Datasheet HTML 30Page - Analog Devices ADV7182ABCPZ Datasheet HTML 31Page - Analog Devices ADV7182ABCPZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 102 page
background image
ADV7182A
Data Sheet
Rev. 0 | Page 28 of 102
VS_COAST_MODE[1:0]—Address 0xF9, Bits[3:2]
If no video source is connected, then this function can set the
video output standard during freerun mode.
If a valid input video source is connected to the ADV7182A and
freerun mode is forced, the VS_COAST_MODE bits are ignored.
The freerun standard is the same as the valid inputted video
standard.
Table 35. VS_COAST_MODE Function
VS_COAST_MODE
Description
00 (default)
The ADV7182A outputs in the same standard
as it did before it entered freerun mode. If no
valid standard was output before entering
freerun mode, the ADV7182A outputs a
576i, 50 Hz signal in freerun mode.
01
Outputs a 576i 50 Hz signal in freerun mode.
10
Outputs a 480i 60 Hz signal in freerun mode.
11
Reserved.
CLAMP OPERATION
The input video is ac-coupled into the ADV7182A, which
protects the ADV7182A from STB events. However, the dc
value of the input video must be restored. This process is
referred to as clamping the video. This section explains the
general process of clamping on the ADV7182A in both single-
ended and differential modes. This section also discusses the
different ways a user can configure clamp operation behavior.
Single-Ended CVBS Clamp Operation
The ADV7182A uses a combination of current sources and a
digital processing block for clamping, as shown in Figure 15.
The analog processing channel shown in Figure 15 is replicated
four times inside the IC. Whereas only a single channel is
required for a single-ended CVBS signal, two independent
channels are required for Y/C (SVHS) type signals, and three
independent channels are required to allow component signals
(YPrPb) to be processed.
The clamping is divided into two sections:
Clamping before the ADC (analog domain): current
sources and voltage sources.
Clamping after the ADC (digital domain): digital
processing block.
The primary task of the analog clamping circuits is to ensure
that the video signal stays within the valid 1.0 V ADC input
window so that the analog-to-digital conversion can take place.
The current sources in Figure 15 correct the dc level of the
ac-coupled input video signal before it is fed into the ADC. The
digitized data from the ADC is then fed into the video processor.
The digital fine clamp block within the video processor corrects
any remaining variation in the dc level. The video processor
also sends clamp control signals to the current sources. This
feedback loop fine tunes the current clamp operation and
compensates for any noise on the inputted video signal. This
maintains the dc level of the video signal during normal operation.
Differential CVBS Clamping Operation
The differential clamping operation works in a similar manner to
the single-ended clamping operation (see Single-Ended CVBS
Clamp Operation section). In differential mode, a coarse clamp
pulls the positive and negative video input to a common-mode
voltage, VCML (see Figure 16). The feedback loop between the
current clamps and the video processor fine tune this coarse dc
offset and make the clamping robust to noise on the video input.
Note that the current clamps are controlled within a feedback loop
between the AFE and the video processor, and the coarse clamps
are not.
Figure 15. Single-Ended Clamping Overview
Figure 16. Differential Clamping Overview
DATA PRE-
PROCESSOR
ADC
VIDEO PROCESSOR
WITH DIGITAL
FINE CLAMP
CLAMP CONTROL
DIGITAL CORE
ANALOG FRONT END (AFE)
EXTERNAL AC
COUPLING
CAPACITOR
SINGLE-ENDED
ANALOG
VIDEO INPUT
CURRENT
SOURCE
CLAMPS
ADV7182A
DATA PRE-
PROCESSOR
ADC
CURRENT
SOURCE
CLAMPS
VIDEO PROCESSOR
WITH DIGITAL
FINE CLAMP
CLAMP CONTROL
CLAMP CONTROL
DIGITAL CORE
ANALOG FRONT END (AFE)
EXTERNAL AC
COUPLING
CAPACITOR
POSITIVE
DIFFERENTIAL ANALOG
VIDEO INPUT
NEGATIVE
DIFFERENTIAL ANALOG
VIDEO INPUT
ADV7182A
COARSE
CLAMP
COARSE
CLAMP
CURRENT
SOURCE
CLAMPS
EXTERNAL AC
COUPLING
CAPACITOR
VCML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com