Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7182ABCPZ Datasheet(PDF) 31 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 31 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 27Page - Analog Devices ADV7182ABCPZ Datasheet HTML 28Page - Analog Devices ADV7182ABCPZ Datasheet HTML 29Page - Analog Devices ADV7182ABCPZ Datasheet HTML 30Page - Analog Devices ADV7182ABCPZ Datasheet HTML 31Page - Analog Devices ADV7182ABCPZ Datasheet HTML 32Page - Analog Devices ADV7182ABCPZ Datasheet HTML 33Page - Analog Devices ADV7182ABCPZ Datasheet HTML 34Page - Analog Devices ADV7182ABCPZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 102 page
background image
Data Sheet
ADV7182A
Rev. 0 | Page 31 of 102
Table 37. YSFM Function
YSFM[4:0]
Description
00000
Automatic selection including a wide notch
response (PAL/NTSC/SECAM)
00001 (default)
Automatic selection including a narrow notch
response (PAL/NTSC/SECAM)
00010
SVHS 1
00011
SVHS 2
00100
SVHS 3
00101
SVHS 4
00110
SVHS 5
00111
SVHS 6
01000
SVHS 7
01001
SVHS 8
01010
SVHS 9
01011
SVHS 10
01100
SVHS 11
01101
SVHS 12
01110
SVHS 13
01111
SVHS 14
10000
SVHS 15
10001
SVHS 16
10010
SVHS 17
10011
SVHS 18 (CCIR 601)
10100
PAL NN1
10101
PAL NN2
10110
PAL NN3
10111
PAL WN1
11000
PAL WN2
11001
NTSC NN1
11010
NTSC NN2
11011
NTSC NN3
11100
NTSC WN1
11101
NTSC WN2
11110
NTSC WN3
11111
Reserved
WYSFM[4:0], Wideband Y Shaping Filter Mode—
Address 0x18, Bits[4:0]
The WYSFM[4:0] bits allow the user to manually select a shaping
filter for good quality video signals, for example, CVBS with
stable time base, luma component of YPrPb, and luma component
of Y/C. The WYSFM bits are active only if the WYSFMOVR bit
is set to 1. See the general discussion of the shaping filter settings in
the Y Shaping Filter section.
Table 38. WYSFM Function
WYSFM[4:0]
Description
00000
Reserved, do not use
00001
Reserved, do not use
00010
SVHS 1
00011
SVHS 2
00100
SVHS 3
00101
SVHS 4
00110
SVHS 5
00111
SVHS 6
01000
SVHS 7
01001
SVHS 8
01010
SVHS 9
01011
SVHS 10
01100
SVHS 11
01101
SVHS 12
01110
SVHS 13
01111
SVHS 14
10000
SVHS 15
10001
SVHS 16
10010
SVHS 17
10011 (default)
SVHS 18 (CCIR 601)
10100 to 11111
Reserved, do not use
Figure 18 show the SVHS 1 (narrowest) to SVHS 18 (widest)
shaping filter settings. Figure 20 shows the PAL notch filter
responses. The NTSC notch filter responses are shown in
Figure 21.
Figure 18. Y SVHS Combined Responses
0
–10
–20
–30
–40
–50
–60
–70
010
8
6
4
212
FREQUENCY (MHz)
COMBINED Y ANTIALIAS, SVHS LOW-PASS FILTERS,
Y RESAMPLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com