Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7182ABCPZ Datasheet(PDF) 63 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 63 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 59Page - Analog Devices ADV7182ABCPZ Datasheet HTML 60Page - Analog Devices ADV7182ABCPZ Datasheet HTML 61Page - Analog Devices ADV7182ABCPZ Datasheet HTML 62Page - Analog Devices ADV7182ABCPZ Datasheet HTML 63Page - Analog Devices ADV7182ABCPZ Datasheet HTML 64Page - Analog Devices ADV7182ABCPZ Datasheet HTML 65Page - Analog Devices ADV7182ABCPZ Datasheet HTML 66Page - Analog Devices ADV7182ABCPZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 102 page
background image
Data Sheet
ADV7182A
Rev. 0 | Page 63 of 102
ITU-R BT.656 Tx CONFIGURATION
The ADV7182A receives analog video and outputs digital video
according to the ITU-R BT.656 specification. The ADV7182A
outputs the ITU-R BT.656 video data stream over the P0 to P7
data pins and has a line locked clock (LLC) pin and two
synchronization pins (HS and VS/FIELD/SFL).
Video data is output over the P0 to P7 pins in YCrCb 4:2:2
format. Synchronization signals are automatically embedded in
the video data signal in accordance with the ITU-R BT.656
specification.
The LLC output is used to clock the output data on the P0 to P7
pins at a nominal frequency of 27 MHz.
The two synchronization pins (HS and VS/FIELD/SFL) output
a variety of synchronization signals such as horizontal sync,
vertical sync, field sync, and color subcarrier frequency lock
(SFL) sync. The majority of these synchronization signals are
already embedded in the video data. Therefore, the use of the
synchronization pins is optional.
The following registers can be used to configure the ITU-R
BT.656 output from the ADV7182A. See the Global Control
Registers section for further registers that can be used to
configure the output from the ADV7182A.
SWPC, Swap Pixel Cr/Cb—Address 0x27, Bit 7
This bit allows Cr and Cb samples to be swapped.
When SWPC is 0 (default), no swapping is allowed. When SWPC
is 1, the Cr and Cb values can be swapped.
Polarity LLC Pin
PCLK—Address 0x37, Bit 0
The polarity of the clock that leaves the ADV7182A via the
LLC pin can be inverted using the PCLK bit. Changing the
polarity of the LLC clock output may be necessary to meet the
setup and hold time expectations of follow-on chips. When
PCLK is 0, the LLC output polarity is inverted. When PCLK is 1
(default), the LLC output polarity is normal (see the Timing
Specifications section.)
LLC_PAD_SEL[2:0] LLC Output Selection—
Address 0x8F, Bits[6:4]
The following I2C write allows the user to select between LLC
(nominally at 27 MHz) and LLC (nominally at 13.5 MHz).
When LLC_PAD_SEL is 000, the output is nominally 27 MHz
LLC on the LLC pin (default).
When LLC_PAD_SEL is 101, the output is nominally 13.5 MHz
LLC on the LLC pin.
BT.565-4, ITU-R BT.565-3/ITU-R BT.565-4 Enable—
Address 0x04, Bit 7
Between Revision 3 and Revision 4 of the ITU-R BT.656 standards,
the toggling position for the V bit within the SAV EAV codes
for NTSC has changed. Note that the standard change affects
only NTSC and has no bearing on PAL. For further information,
visit the International Telecommunication Union website.
The BT.656-4 bit allows the user to select an output mode that is
compliant with either the ITU-R BT.656-3 standard or ITU-R
BT.656-4 standard.
When the BT.656-4 bit is set to 0 (default), the ITU-R BT.656-3
specification is used. The V bit goes low at EAV of Line 10 and
Line 273.
When ITU-R BT.656-4 is 1, the ITU-R BT.656-4 specification is
used. The V bit goes low at EAV of Line 20 and Line 283.
Figure 45. ITU-R BT.656 Output Stage of the ADV7182A
P0
P1
HS
(OPTIONAL)
VS/FIELD/SFL
(OPTIONAL)
ITU-R BT.656
DATA
STREAM
VIDEO
DECODER
ANALOG
VIDEO
INPUT
P2
P3
P4
P5
P6
P7
LLC
ADV7182A
STANDARD
DEFINITION
PROCESSOR
ANALOG
FRONT
END



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com