Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7182ABCPZ Datasheet(PDF) 33 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 33 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 29Page - Analog Devices ADV7182ABCPZ Datasheet HTML 30Page - Analog Devices ADV7182ABCPZ Datasheet HTML 31Page - Analog Devices ADV7182ABCPZ Datasheet HTML 32Page - Analog Devices ADV7182ABCPZ Datasheet HTML 33Page - Analog Devices ADV7182ABCPZ Datasheet HTML 34Page - Analog Devices ADV7182ABCPZ Datasheet HTML 35Page - Analog Devices ADV7182ABCPZ Datasheet HTML 36Page - Analog Devices ADV7182ABCPZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 102 page
background image
Data Sheet
ADV7182A
Rev. 0 | Page 33 of 102
GAIN OPERATION
The gain control within the ADV7182A is performed on a
purely digital basis. The input ADC supports a 10-bit range
mapped into a 1.0 V analog voltage range. Gain correction takes
place after the digitization in the form of a digital multiplier.
Advantages of this architecture over the commonly used
programmable gain amplifier (PGA) before the ADC include
the fact that the gain is completely independent of supply,
temperature, and process variations.
As shown in Figure 25, the ADV7182A can decode a video
signal as long as it fits into the ADC window. The components
for this decoding are the amplitude of the input signal and the dc
level it resides on. The dc level is set by the clamping circuitry
(see the Clamp Operation section).
If the amplitude of the analog video signal is too high, clipping
may occur, resulting in visual artifacts. The analog input range
of the ADC, together with the clamp level, determines the
maximum supported amplitude of the video signal.
Figure 23 and Figure 24 show the typical voltage divider networks
required to keep the input video signal within the allowed range of
the ADC, 0 V to 1 V. Place the circuit in Figure 23 before all the
single-ended analog inputs to the ADV7182A, and place the circuit
in Figure 24 before all the differential inputs to the ADV7182A.
Figure 23. Single-Ended Input Voltage Divider Network
Figure 24. Differential Input Voltage Divider Network
The minimum supported amplitude of the input video is
determined by the ability of the ADV7182A to retrieve horizontal
and vertical timing and to lock to the color burst, if present.
There are separate gain control units for luma and chroma data.
Both can operate independently of each other. The chroma unit,
however, can also take its gain value from the luma path.
The possible AGC modes are shown in Table 40.
Table 40. AGC Modes
Input Video Type
Luma Gain
Chroma Gain
Any
Manual gain luma
Manual gain chroma
CVBS
Dependent on
horizontal sync depth
Dependent on color
burst amplitude
taken from luma path
Peak white
Dependent on color
burst amplitude
taken from luma path
Y/C
Dependent on
horizontal sync depth
Dependent on color
burst amplitude
taken from luma path
Peak white
Dependent on color
burst amplitude
YPrPb
Dependent on
horizontal sync depth
Taken from luma path
It is possible to freeze the automatic gain control loops, which
causes the loops to stop updating and the AGC determined gain
at the time of the freeze to stay active until the loop is either
unfrozen or the gain mode of operation is changed.
The currently active gain from any of the modes can be read
back. Refer to the description of the dual function manual gain
registers, LG[11:0] luma gain and CG[11:0] chroma gain, in the
Luma Gain section and the Chroma Gain section.
Figure 25. Gain Control Overview
51Ω
24Ω
100nF
ANALOG VIDEO
INPUT
AINx of ADV7182A
AINX
AINX
ANALOG_INPUT
CVBS_1P
ANALOG_INPUT
CVBS_1N
75Ω
1.3kΩ
0.1µF
1.3kΩ
0.1µF
430Ω
430Ω
ANALOG VOLTAGE RANGE SUPPORTED BY ADC
(1V RANGE FOR ADV7182A)
DATA PRE-
PROCESSOR
(DPP)
ADC
VIDEO PROCESSOR
(GAIN SELECTION ONLY)
MAXIMUM
VOLTAGE
MINIMUM
VOLTAGE
CLAMP
LEVEL
GAIN
CONTROL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com