Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7182ABCPZ Datasheet(PDF) 82 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 82 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 78Page - Analog Devices ADV7182ABCPZ Datasheet HTML 79Page - Analog Devices ADV7182ABCPZ Datasheet HTML 80Page - Analog Devices ADV7182ABCPZ Datasheet HTML 81Page - Analog Devices ADV7182ABCPZ Datasheet HTML 82Page - Analog Devices ADV7182ABCPZ Datasheet HTML 83Page - Analog Devices ADV7182ABCPZ Datasheet HTML 84Page - Analog Devices ADV7182ABCPZ Datasheet HTML 85Page - Analog Devices ADV7182ABCPZ Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 102 page
background image
ADV7182A
Data Sheet
Rev. 0 | Page 82 of 102
Main Map
Bits (Shading Indicates Default
State)
Comments
Notes
Subaddress
Register
Bit Description
7
6
5
4
3
2
1
0
CKILLTHR[2:0]; color kill
threshold
0
0
0
NTSC, PAL color kill at <0.5%,
SECAM no color kill
CKE = 1 enables the
color kill function
and must be
enabled for
CKILLTHR[2:0] to
take effect
0
0
1
NTSC, PAL color kill at <1.5%,
SECAM color kill at <5%
0
1
0
NTSC, PAL color kill at <2.5%,
SECAM color kill at <7%
0
1
1
NTSC, PAL color kill at <4%,
SECAM color kill at <8%
1
0
0
NTSC, PAL color kill at <8.5%,
SECAM color kill at <9.5%
1
0
1
NTSC, PAL color kill at <16%,
SECAM color kill at <15%
1
1
0
NTSC, PAL color kill at <32%,
SECAM color kill at <32%
1
1
1
Reserved
Reserved
0
Sets to default
0x41
Resample
control
Reserved
0
0
0
0
0
1
Sets to default
SFL_INV; controls the behavior
of the PAL switch bit
0
SFL-compatible with newer video
encoders
The newer video
encoders are
ADV7340, ADV7341,
ADV7342, ADV7343,
ADV7344, ADV7390,
ADV7391, ADV7392,
ADV7393, ADV7171,
ADV7172, ADV7173,
ADV7174, ADV7177,
and ADV7179.
ADV7194 is an
example of an older
encoder.
1
SFL-compatible with older
video encoders, such as the
ADV7194.
Reserved
0
Set to default
0x4D
CTI DNR
Control 1
CTI_EN; CTI enable
0
Disables CTI
1
Enables CTI
CTI_AB_EN; enables the
mixing of the transient
improved chroma with the
original signal
0
Disables CTI alpha blender
1
Enables CTI alpha blender
CTI_AB[1:0]; controls the
behavior of the alpha-blend
circuitry
0
0
Sharpest mixing between
sharpened/original chroma signal
0
1
Sharp mixing between sharpened
and original chroma signal
1
0
Smooth mixing between
sharpened/original chroma signal
1
1
Smoothest mixing between
sharpened and original chroma
signal
Reserved
0
Sets to default
DNR_EN; enables or bypasses
the DNR block
0
Bypasses the DNR block
1
Enables the DNR block
Reserved
1
1
Sets to default
0x4E
CTI DNR
Control 2
CTI_C_TH[7:0]; specifies how
big the amplitude step must
be to be steepened by the CTI
block
0
0
0
0
1
0
0
0
0x50
DNR Noise
Threshold 1
DNR_TH[7:0]; specifies the
maximum luma edge that is
interpreted as noise and is
therefore blanked
0
0
0
0
1
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com