Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7182ABCPZ Datasheet(PDF) 85 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 85 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 81Page - Analog Devices ADV7182ABCPZ Datasheet HTML 82Page - Analog Devices ADV7182ABCPZ Datasheet HTML 83Page - Analog Devices ADV7182ABCPZ Datasheet HTML 84Page - Analog Devices ADV7182ABCPZ Datasheet HTML 85Page - Analog Devices ADV7182ABCPZ Datasheet HTML 86Page - Analog Devices ADV7182ABCPZ Datasheet HTML 87Page - Analog Devices ADV7182ABCPZ Datasheet HTML 88Page - Analog Devices ADV7182ABCPZ Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 102 page
background image
Data Sheet
ADV7182A
Rev. 0 | Page 85 of 102
Main Map
Bits (Shading Indicates Default
State)
Comments
Notes
Subaddress
Register
Bit Description
7
6
5
4
3
2
1
0
0xE2
SD offset Cr
channel
SD_OFF_Cr[7:0]; adjusts the
hue by selecting the offset for
the Cr channel
0
0
0
0
0
0
0
0
−312 mV offset applied to the Cr
channel
1
0
0
0
0
0
0
0
0 mV offset applied to the Cr
channel
1
1
1
1
1
1
1
1
+312 mV offset applied to the Cr
channel
0xE3
SD saturation
Cb channel
SD_SAT_Cb[7:0]; adjusts the
saturation by affecting gain on
the Cb channel
0
0
0
0
0
0
0
0
Gain on Cb channel = −42 dB
1
0
0
0
0
0
0
0
Gain on Cb channel = 0 dB
1
1
1
1
1
1
1
1
Gain on Cb channel = +6 dB
0xE4
SD saturation
Cr channel
SD_SAT_Cr[7:0]; adjusts the
saturation by affecting gain on
the Cr channel
0
0
0
0
0
0
0
0
Gain on Cr channel = −42 dB
1
0
0
0
0
0
0
0
Gain on Cr channel = 0 dB
1
1
1
1
1
1
1
1
Gain on Cr channel = +6 dB
0xE5
NTSC VSYNC
begin
NVBEG[4:0]; number of lines
after lCOUNT rollover to set V high
0
0
1
0
1
NTSC default (ITU-R BT.656)
NVBEGSIGN
0
Sets to low when manual
programming
1
Not suitable for user
programming
NVBEGDELE; delay V bit going
high by one line relative to
NVBEG (even field)
0
No delay
1
Additional delay by one line
NVBEGDELO; delay V bit going
high by one line relative to
NVBEG (odd field)
0
No delay
1
Additional delay by one line
0xE6
NTSC VSYNC
end
NVEND[4:0]; number of lines
after lCOUNT rollover to set V low
0
0
1
0
0
NTSC default (ITU-R BT.656)
NVENDSIGN
0
Sets to low when manual
programming
1
Not suitable for user
programming
NVENDDELE; delay V bit going
low by one line relative to
NVEND (even field)
0
No delay
1
Additional delay by one line
NVENDDELO; delay V bit going
low by one line relative to
NVEND (odd field)
0
No delay
1
Additional delay by one line
0xE7
NTSC FIELD
toggle
NFTOG[4:0]; number of lines
after lCOUNT rollover to toggle F
signal
0
0
0
1
1
NTSC default
NFTOGSIGN
0
Sets to low when manual
programming
1
Not suitable for user
programming
NFTOGDELE; delay F transition
by one line relative to NFTOG
(even field)
0
No delay
1
Additional delay by one line
NFTOGDELO; delay F
transition by one line relative
to NFTOG (odd field)
0
No delay
1
Additional delay by one line
0xE8
PAL VSYNC
begin
PVBEG[4:0]; number of lines after
lCOUNT rollover to set V high
0
0
1
0
1
PAL default (ITU-R BT.656)
PVBEGSIGN
0
Sets to low when manual
programming
1
Not suitable for user
programming
PVBEGDELE; delay V bit going
high by one line relative to
PVBEG (even field)
0
No delay
1
Additional delay by one line
PVBEGDELO; delay V bit going
high by one line relative to
PVBEG (odd field)
0
No delay
1
Additional delay by one line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com