Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7182ABCPZ Datasheet(PDF) 39 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 39 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 35Page - Analog Devices ADV7182ABCPZ Datasheet HTML 36Page - Analog Devices ADV7182ABCPZ Datasheet HTML 37Page - Analog Devices ADV7182ABCPZ Datasheet HTML 38Page - Analog Devices ADV7182ABCPZ Datasheet HTML 39Page - Analog Devices ADV7182ABCPZ Datasheet HTML 40Page - Analog Devices ADV7182ABCPZ Datasheet HTML 41Page - Analog Devices ADV7182ABCPZ Datasheet HTML 42Page - Analog Devices ADV7182ABCPZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 102 page
background image
Data Sheet
ADV7182A
Rev. 0 | Page 39 of 102
CCMP[2:0], Chroma Comb Mode, PAL—Address 0x39,
Bits[5:3]
Table 61. CCMP Function
CCMP[2:0]
Description
Configuration
000 (default)
Adaptive comb mode
Adaptive three-line
chroma comb for
CTAPSN = 01
Adaptive four-line
chroma comb for
CTAPSN = 10
Adaptive five-line
chroma comb for
CTAPSN = 11
100
Disable chroma comb
101
Fixed chroma comb
(top lines of line
memory)
Fixed two-line chroma
comb for CTAPSN = 01
Fixed three-line chroma
comb for CTAPSN = 10
Fixed four-line chroma
comb for CTAPSN = 11
110
Fixed chroma comb (all
lines of line memory)
Fixed three-line chroma
comb for CTAPSN = 01
Fixed four-line chroma
comb for CTAPSN = 10
Fixed five-line chroma
comb for CTAPSN = 11
111
Fixed chroma comb
(bottom lines of line
memory)
Fixed two-line chroma
comb for CTAPSN = 01
Fixed three-line chroma
comb for CTAPSN = 10
Fixed four-line chroma
comb for CTAPSN = 11
YCMP[2:0], Luma Comb Mode, PAL—Address 0x39,
Bits[2:0]
Table 62. YCMP Function
YCMP[2:0]
Description
Configuration
000 (default)
Adaptive comb mode
Adaptive five lines (three
taps) luma comb
100
Disable luma comb
Use low-pass/notch filter;
see the Y Shaping Filter
section
101
Fixed luma comb (top
lines of line memory)
Fixed three lines (two
taps) luma comb
110
Fixed luma comb (all
lines of line memory)
Fixed five lines (three taps)
luma comb
111
Fixed luma comb
(bottom lines of line
memory)
Fixed three lines (two
taps) luma comb
IF FILTER COMPENSATION
IFFILTSEL[2:0], IF Filter Select—Address 0xF8, Bits[2:0]
The IFFILTSEL[2:0] register allows the user to compensate for
SAW filter characteristics on a composite input, as observed on
tuner outputs. Figure 29 and Figure 30 show IF filter
compensation for NTSC and PAL, respectively.
The options for this feature are as follows:
Bypass mode.
NTSC, consisting of three filter characteristics.
PAL, consisting of three filter characteristics.
See Table 96 for programming details.
Figure 29. NTSC IF Filter Compensation
Figure 30. PAL IF Filter Compensation
6
–12
2.0
5.0
FREQUENCY (MHz)
IF COMP FILTERS NTSC ZOOMED AROUND
fSC
4
2
0
–2
–4
–6
–8
–10
2.5
3.0
3.5
4.0
4.5
6
–8
3.0
6.0
FREQUENCY (MHz)
IF COMP FILTERS PAL ZOOMED AROUND
fSC
4
2
0
–2
–4
–6
3.5
4.0
4.5
5.0
5.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com