Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7182ABCPZ Datasheet(PDF) 46 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 46 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 42Page - Analog Devices ADV7182ABCPZ Datasheet HTML 43Page - Analog Devices ADV7182ABCPZ Datasheet HTML 44Page - Analog Devices ADV7182ABCPZ Datasheet HTML 45Page - Analog Devices ADV7182ABCPZ Datasheet HTML 46Page - Analog Devices ADV7182ABCPZ Datasheet HTML 47Page - Analog Devices ADV7182ABCPZ Datasheet HTML 48Page - Analog Devices ADV7182ABCPZ Datasheet HTML 49Page - Analog Devices ADV7182ABCPZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 102 page
background image
ADV7182A
Data Sheet
Rev. 0 | Page 46 of 102
Figure 34. NTSC VSYNC Begin
NVBEGDELO, NTSC VSYNC Begin Delay on Odd
Field—Address 0xE5, Bit 7
When NVBEGDELO is 0 (default), there is no delay.
Setting NVBEGDELO to 1 delays VSYNC going high by one
line relative to NVBEG (odd field).
NVBEGDELE, NTSC VSYNC Begin Delay on Even
Field—Address 0xE5, Bit 6
When NVBEGDELE is 0 (default), there is no delay.
Setting NVBEGDELE to 1 delays VSYNC going high by one
line relative to NVBEG (even field).
NVBEGSIGN, NTSC VSYNC Begin Sign—Address 0xE5,
Bit 5
Setting NVBEGSIGN to 0 delays the start of VSYNC; sets to low
when manual programming.
Setting NVBEGSIGN to 1 (default) advances the start of
VSYNC; however, it is not suitable for user programming.
NVBEG[4:0], NTSC VSYNC Begin—Address 0xE5, Bits[4:0]
The default value of NVBEG is 00101, indicating the NTSC
VSYNC begin position. For all NTSC/PAL VSYNC timing
controls, both the V bit in the AV code and the VSYNC signal
are modified.
Figure 35. NTSC VSYNC End
NVENDDELO, NTSC VSYNC End Delay on Odd Field—
Address 0xE6, Bit 7
When NVENDDELO is 0 (default), there is no delay.
Setting NVENDDELO to 1 delays VSYNC going low by one
line relative to NVEND (odd field).
NVENDDELE, NTSC VSYNC End Delay on Even Field—
Address 0xE6, Bit 6
When NVENDDELE is 0 (default), there is no delay.
Setting NVENDDELE to 1 delays VSYNC going low by a line
relative to NVEND (even field).
NVENDSIGN, NTSC VSYNC End Sign—Address 0xE6,
Bit 5
Setting NVENDSIGN to 0 (default) delays the end of VSYNC;
sets to low when manual programming.
Setting NVENDSIGN to 1 advances the end of VSYNC;
however, it is not suitable for user programming.
ADVANCE BEGIN OF
VSYNC BY NVBEG[4:0]
DELAY BEGIN OF
VSYNC BY NVBEG[4:0]
VSYNC BEGIN
NVBEGSIGN
ODD FIELD?
0
1
NO
YES
NVBEGDELO
VSBHO
ADDITIONAL
DELAY BY
1 LINE
ADVANCE BY
0.5 LINE
1
0
1
0
NVBEGDELE
VSBHE
ADDITIONAL
DELAY BY
1 LINE
ADVANCE BY
0.5 LINE
1
0
1
0
NOT VALID FOR USER
PROGRAMMING
ADVANCE END OF
VSYNC BY NVEND[4:0]
DELAY END OF VSYNC
BY NVEND[4:0]
VSYNC END
NVENDSIGN
ODD FIELD?
0
1
NO
YES
NVENDDELO
VSEHO
ADDITIONAL
DELAY BY
1 LINE
ADVANCE BY
0.5 LINE
1
0
1
0
NVENDDELE
VSEHE
ADDITIONAL
DELAY BY
1 LINE
ADVANCE BY
0.5 LINE
1
0
1
0
NOT VALID FOR USER
PROGRAMMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com