Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7182ABCPZ Datasheet(PDF) 44 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 44 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 40Page - Analog Devices ADV7182ABCPZ Datasheet HTML 41Page - Analog Devices ADV7182ABCPZ Datasheet HTML 42Page - Analog Devices ADV7182ABCPZ Datasheet HTML 43Page - Analog Devices ADV7182ABCPZ Datasheet HTML 44Page - Analog Devices ADV7182ABCPZ Datasheet HTML 45Page - Analog Devices ADV7182ABCPZ Datasheet HTML 46Page - Analog Devices ADV7182ABCPZ Datasheet HTML 47Page - Analog Devices ADV7182ABCPZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 102 page
background image
ADV7182A
Data Sheet
Rev. 0 | Page 44 of 102
VSYNC and FIELD Configuration
The following controls allow the user to configure the behavior
of the VSYNC and FIELD output signals, as well as the generation
of embedded AV codes. Note that the VSYNC and FIELD signals
can be output on the VS/FIELD/SFL pin or the HS pin (see the
Global Pin Control section).
NEWAVMODE, New AV Mode—Address 0x31, Bit 4
When NEWAVMODE is 0, EAV/SAV codes are generated to
suit Analog Devices encoders. No adjustments are possible.
When NEWAVMODE is 1 (default), it enables the manual position
of the VSYNC, FIELD, and AV codes using Register 0x32 to
Register 0x33 and Register 0xE5 to Register 0xEA. The default
register settings are CCIR656 (BT.565-4) compliant (see Figure 32
and Figure 33 for NTSC; see Figure 37 and Figure 38 for PAL).
HVSTIM, Horizontal VSYNC Timing—Address 0x31, Bit 3
The HVSTIM bit allows the user to select where the VSYNC signal
is asserted within a line of video. Some interface circuitry may
require VSYNC to go low while HSYNC is low.
When HVSTIM is 0 (default), the start of the line is relative to HSE.
When HVSTIM is 1, the start of the line is relative to HSB.
VSBHO, VSYNC Begin Horizontal Position Odd—
Address 0x32, Bit 7
The VSBHO and VSBHE bits select the position within a line at
which the VSYNC signal (not the bit in the AV code) becomes
active. Some follow-on chips require the VSYNC signal to
change state only when HSYNC is high or low.
When VSBHO is 0 (default), the VSYNC signal goes high in the
middle of a line of video (odd field). When VSBHO is 1, the
VSYNC signal changes state at the start of a line (odd field).
VSBHE, VSYNC Begin Horizontal Position Even—
Address 0x32, Bit 6
The VSBHO and VSBHE bits select the position within a line at
which the VSYNC signal (not the bit in the AV code) becomes
active. Some follow-on chips require the VSYNC signal to
change state only when HS is high or low.
When VSBHE is 0 (default), the VSYNC signal goes high in the
middle of a line of video (even field). When VSBHE is 1, the
VSYNC signal changes state at the start of a line (even field).
VSEHO, VSYNC End Horizontal Position Odd—
Address 0x33, Bit 7
The VSEHO and VSEHE bits select the position within a line at
which the VSYNC signal (not the bit in the AV code) becomes
active. Some follow-on chips require the VSYNC signal to
change state only when HSYNC is high or low.
When VSEHO is 0 (default), the VSYNC signal goes low
(inactive) in the middle of a line of video (odd field). When
VSEHO is 1, the VSYNC signal changes state at the start of a
line (odd field).
VSEHE, VSYNC End Horizontal Position Even—
Address 0x33, Bit 6
The VSEHO and VSEHE bits select the position within a line at
which the VSYNC signal (not the bit in the AV code) becomes
active. Some follow-on chips require the VSYNC signal to
change state only when HS is high or low.
When VSEHE is 0 (default), the VSYNC signal goes low
(inactive) in the middle of a line of video (even field). When
VSEHE is 1, the VSYNC signal changes state at the start of a
line (even field).
PVS, VSYNC Polarity—Address 0x37, Bit 5
The polarity of the VSYNC signal can be inverted using the
PVS bit.
When PVS is 0 (default), VSYNC is active high. When PVS is 1,
VSYNC is active low.
PF, FIELD Polarity—Address 0x37, Bit 3
The FIELD pin can be inverted using the PHS bit.
When PHS is 0 (default), FIELD pin is active high. When PHS
is 1, FIELD pin is active low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com