Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7182ABCPZ Datasheet(PDF) 86 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 86 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 82Page - Analog Devices ADV7182ABCPZ Datasheet HTML 83Page - Analog Devices ADV7182ABCPZ Datasheet HTML 84Page - Analog Devices ADV7182ABCPZ Datasheet HTML 85Page - Analog Devices ADV7182ABCPZ Datasheet HTML 86Page - Analog Devices ADV7182ABCPZ Datasheet HTML 87Page - Analog Devices ADV7182ABCPZ Datasheet HTML 88Page - Analog Devices ADV7182ABCPZ Datasheet HTML 89Page - Analog Devices ADV7182ABCPZ Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 102 page
background image
ADV7182A
Data Sheet
Rev. 0 | Page 86 of 102
Main Map
Bits (Shading Indicates Default
State)
Comments
Notes
Subaddress
Register
Bit Description
7
6
5
4
3
2
1
0
0xE9
PAL VSYNC
end
PVEND[4:0]; number of lines
after lCOUNT rollover to set V
low.
1
0
1
0
0
PAL default (ITU-R BT.656)
PVENDSIGN
0
Sets to low when manual
programming
1
Not suitable for user
programming
PVENDDELE; delay V bit going
low by one line relative to
PVEND (even field)
0
No delay
1
Additional delay by one line
PVENDDELO; delay V bit going
low by one line relative to
PVEND (odd field)
0
No delay
1
Additional delay by one line
0xEA
PAL FIELD
toggle
PFTOG[4:0]; number of lines
after lCOUNT rollover to toggle F
signal
0
0
0
1
1
PAL default (ITU-R BT.656)
PFTOGSIGN
0
Sets to low when manual
programming
1
Not suitable for user
programming
PFTOGDELE; delay F transition
by one line relative to PFTOG
(even field)
0
No delay
1
Additional delay by one line
PFTOGDELO; delay F transition
by one line relative to PFTOG
(odd field)
0
No delay
1
Additional delay by one line
0xEB
VBLANK
Control 1
PVBIELCM[1:0]; PAL VBI even
field line control
0
0
VBI ends one line earlier (Line 335)
Controls position of
first active (comb
filtered) line after
VBI on even field in
PAL
0
1
ITU-R BT.470 compliant (Line 336)
1
0
VBI ends one line later (Line 337)
1
1
VBI ends two lines later (Line 338)
PVBIOLCM[1:0]; PAL VBI odd
field line control
0
0
VBI ends one line earlier (Line 22)
Controls position of
first active (comb
filtered) line after
VBI on odd field in
PAL
0
1
ITU-R BT.470 compliant (Line 23)
1
0
VBI ends one line later (Line 24)
1
1
VBI ends two lines later (Line 25)
NVBIELCM[1:0]; NTSC VBI even
field line control
0
0
VBI ends one line earlier (Line 282)
Controls position of
first active (comb
filtered) line after VBI
on even field in NTSC
0
1
ITU-R BT.470 compliant (Line 283)
1
0
VBI ends one line later (Line 284)
1
1
VBI ends two lines later (Line 285)
NVBIOLCM[1:0]; NTSC VBI odd
field line control
0
0
VBI ends one line earlier (Line 20)
Controls position of
first active (comb
filtered) line after
VBI on odd field in
NTSC
0
1
ITU-R BT.470 compliant (Line 21)
1
0
VBI ends one line later (Line 22)
1
1
VBI ends two lines later (Line 23)
0xEC
VBLANK
Control 2
PVBIECCM[1:0]; PAL VBI even
field color control
0
0
Color output beginning Line 335
Controls the
position of first line
that outputs color
after VBI on even
field in PAL
0
1
ITU-R BT.470 compliant color
output beginning Line 336
1
0
Color output beginning Line 337
1
1
Color output beginning Line 338
PVBIOCCM[1:0]; PAL VBI odd
field color control
0
0
Color output beginning Line 22
Controls the
position of first line
that outputs color
after VBI on odd
field in PAL
0
1
ITU-R BT.470-compliant color
output beginning Line 23
1
0
Color output beginning Line 24
1
1
Color output beginning Line 25
NVBIECCM[1:0]; NTSC VBI even
field color control
0
0
Color output beginning Line 282
Controls the
position of first line
that outputs color
after VBI on even
field in NTSC
0
1
ITU-R BT.470-compliant color
output beginning Line 283
1
0
VBI ends one line later (Line 284)
1
1
Color output beginning Line 285



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com