Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7182ABCPZ Datasheet(PDF) 74 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 74 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 70Page - Analog Devices ADV7182ABCPZ Datasheet HTML 71Page - Analog Devices ADV7182ABCPZ Datasheet HTML 72Page - Analog Devices ADV7182ABCPZ Datasheet HTML 73Page - Analog Devices ADV7182ABCPZ Datasheet HTML 74Page - Analog Devices ADV7182ABCPZ Datasheet HTML 75Page - Analog Devices ADV7182ABCPZ Datasheet HTML 76Page - Analog Devices ADV7182ABCPZ Datasheet HTML 77Page - Analog Devices ADV7182ABCPZ Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 102 page
background image
ADV7182A
Data Sheet
Rev. 0 | Page 74 of 102
Main Map
Bits (Shading Indicates Default
State)
Comments
Notes
Subaddress
Register
Bit Description
7
6
5
4
3
2
1
0
0x0C
Default Value Y
DEF_VAL_EN; default value
enable
0
Freerun mode dependent
on DEF_VAL_AUTO_EN
1
Forces freerun mode on
DEF_VAL_AUTO_EN; default
value automatic enable
0
Disables freerun mode
When lock is lost,
freerun mode can
be enabled to
output stable
timing, clock, and a
set color
1
Enables automatic freerun
mode
DEF_Y[5:0]; default value is Y;
this register holds the Y default
value
0
0
1
1
0
1
Y[7:0] = {DEF_Y[5:0], 0, 0}
Default Y value
output in freerun
mode
0x0D
Default
Value C
DEF_C[7:0]; default value is C;
the Cr and Cb default values
are defined in this register
0
1
1
1
1
1
0
0
Cr[3:0] = {DEF_C[7:4]},
Cb[3:0] = {DEF_C[3:0]}
Default Cb/Cr value
output in freerun
mode; default
values give blue
screen output
0x0E
ADI Control 1
Reserved
0
0
0
0
0
Sets as default
SUB_USR_EN[1:0]; enables user
to access the interrupt/VDP
map and User Sub Map 2
0
0
Accesses main register space
See Figure 48
0
1
Accesses interrupt/VDP register
space
1
0
Accesses User Sub Map 2
Reserved
0
Sets as default
0x0F
Power
management
Reserved
0
0
Sets to default
Reserved
0
0
Sets to default
PWRDWN; power-down places
the decoder into a full power-
down mode
0
System functional
1
Powered down
Reserved
0
Sets to default
Reset; chip reset, loads all I2C
bits with default values
0
Normal operation
1
Starts reset sequence
Executing reset takes
approximately
2 ms; this bit is self
clearing
0x10
Status 1
(read only)
IN_LOCK
x
1 = in lock (now)
Provides info about
the internal status
of the decoder
LOST_LOCK
x
1 = lost lock (since last read)
FSC_LOCK
x
1 = fSC lock (now)
FOLLOW_PW
x
1 = peak white AGC mode active
AD_RESULT[2:0]; autodetection
result reports the standard of
the input video
0
0
0
NTSC M/NTSC J
Detected standard
0
0
1
NTSC 4.43
0
1
0
PAL M
0
1
1
PAL 60
1
0
0
PAL B/PAL G/PAL H/PAL I/PAL D
1
0
1
SECAM
1
1
0
PAL Combination N
1
1
1
SECAM 525
COL_KILL
x
1 = color kill is active
Color kill
0x11
IDENT
(read only)
IDENT[7:0]; provides ID on the
revision of the device
0
1
0
0
0
0
0
1
Power-up value =
0x41
0x12
Status 2
(read only)
MVCS DET
x
MV color striping detected
1 = detected
MVCS T3
x
MV color striping type
0 = Type 2, 1 = Type
3
MV PS DET
x
MV pseudosync detected
1 = detected
MV AGC DET
x
MV AGC pulses detected
1 = detected
LL NSTD
x
Nonstandard line length
1 = detected
FSC NSTD
x
fSC frequency nonstandard
1 = detected
Reserved
x
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com