Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7182ABCPZ Datasheet(PDF) 96 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 96 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 92Page - Analog Devices ADV7182ABCPZ Datasheet HTML 93Page - Analog Devices ADV7182ABCPZ Datasheet HTML 94Page - Analog Devices ADV7182ABCPZ Datasheet HTML 95Page - Analog Devices ADV7182ABCPZ Datasheet HTML 96Page - Analog Devices ADV7182ABCPZ Datasheet HTML 97Page - Analog Devices ADV7182ABCPZ Datasheet HTML 98Page - Analog Devices ADV7182ABCPZ Datasheet HTML 99Page - Analog Devices ADV7182ABCPZ Datasheet HTML 100Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 102 page
background image
ADV7182A
Data Sheet
Rev. 0 | Page 96 of 102
Interrupt/VDP Map
Bit (Shading
Indicates Default
State)
Address Register
Bit Description
7 654 3210 Comments
Notes
0x60
VDP_CONFIG_1
VDP_TTXT_TYPE_MAN[1:0]
0 0
PAL: Teletext-ITU-BT.653-
625/50-A, NTSC: reserved
0 1
PAL: Teletext-ITU-BT.653-
625/50-B (WST), NTSC:
Teletext-ITU-BT.653-525/60-B
1 0
PAL: Teletext-ITU-BT.653-
625/50-C, NTSC: Teletext-ITU-
BT.653-525/60-C, or EIA516
(NABTS)
1 1
PAL: Teletext-ITU-BT.653-
625/50-D, NTSC: Teletext-
ITU-BT.653-525/60-D
VDP_TTXT_TYPE_MAN_ENABLE
0
User programming of
teletext type disabled
1
User programming of
teletext type enabled
WST_PKT_DECODE_DISABLE
0
Enables hamming decoding
of WST packets
1
Disables hamming decoding
of WST packets
Reserved
1 0 0 0
0x62
VDP_ADF_CONFIG_1
ADF_DID[4:0]
1 0 1 0 1
User-specified DID sent in the
ancillary data stream with
VDP decoded data
ADF_MODE[1:0]
0 0
Nibble mode
Sets whether ancillary data
output mode in byte mode or
nibble mode
0 1
Byte mode, no code
restrictions
1 0
Byte mode with 0x00 and
0xFF prevented
1 1
Reserved
ADF_ENABLE
0
Disables insertion of VBI
decoded data into ancillary
656 stream
1
Enables insertion of VBI
decoded data into ancillary
656 stream
0x63
VDP_ADF_CONFIG_2
ADF_SDID[5:0]
1 0 1 0 1 0
User-specified SDID sent in
the ancillary data stream with
VDP decoded data
Reserved
x
DUPLICATE_ADF
0
Ancillary data packet is
spread across the Y and C
data streams
1
Ancillary data packet is
duplicated on the Y and C
data streams
0x64
VDP_LINE_00E
VBI_DATA_P318[3:0]
0 0 0 0
Sets VBI standard to be
decoded from Line 318 (PAL),
NTSC—not applicable
Reserved
0 0 0
MAN_LINE_PGM
0
Decode default standards on
the lines indicated in Table
76
1
Manually program the VBI
standard to be decoded on
each line; see Table 77
If set to 1, all VBI_DATA_Px_Ny
bits can be set as desired
0x65
VDP_LINE_00F
VBI_DATA_P319_N286[3:0]
0 0 0 0
Sets VBI standard to be
decoded from Line 319 (PAL),
Line 286 (NTSC)
MAN_LINE_PGM must be set to
1 for these bits to be effective
VBI_DATA_P6_N23[3:0]
0 0 0 0
Sets VBI standard to be
decoded from Line 6 (PAL),
Line 23 (NTSC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com