Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7182ABCPZ Datasheet(PDF) 77 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 77 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 73Page - Analog Devices ADV7182ABCPZ Datasheet HTML 74Page - Analog Devices ADV7182ABCPZ Datasheet HTML 75Page - Analog Devices ADV7182ABCPZ Datasheet HTML 76Page - Analog Devices ADV7182ABCPZ Datasheet HTML 77Page - Analog Devices ADV7182ABCPZ Datasheet HTML 78Page - Analog Devices ADV7182ABCPZ Datasheet HTML 79Page - Analog Devices ADV7182ABCPZ Datasheet HTML 80Page - Analog Devices ADV7182ABCPZ Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 102 page
background image
Data Sheet
ADV7182A
Rev. 0 | Page 77 of 102
Main Map
Bits (Shading Indicates Default
State)
Comments
Notes
Subaddress
Register
Bit Description
7
6
5
4
3
2
1
0
0x19
Comb filter
control
PSFSEL[1:0]; controls the
signal bandwidth that is fed to
the comb filters (PAL)
0
0
Narrow
0
1
Medium
1
0
Wide
1
1
Widest
NSFSEL[1:0]; controls the
signal bandwidth that is fed to
the comb filters (NTSC)
0
0
Narrow
0
1
Medium
1
0
Medium
1
1
Wide
Reserved
1
1
1
1
0x1D
ADI Control 2
Reserved
0
0
0
x
x
x
Reserved
1
TRI_LLC; tristate LLC driver
0
LLC pin active
1
LLC pin tristated
0x27
Pixel delay
control
LTA[1:0]; luma timing adjust
allows the user to specify a
timing difference between
chroma and luma samples
0
0
No delay
CVBS mode,
LTA[1:0] = 00b,
Y/C mode,
LTA[1:0] = 01b,
YPrPb mode,
LTA[1:0] = 01b
0
1
Luma one clock (37 ns) late
1
0
Luma two clocks (74 ns) early
1
1
Luma one clock (37 ns) early
Reserved
0
Sets to 0
CTA[2:0]; chroma timing adjust
allows a specified timing
difference between the luma
and chroma samples
0
0
0
Reserved
CVBS mode
CTA[2:0] = 011b,
Y/C mode,
CTA[2:0] = 101b,
YPrPb mode,
CTA[2:0] = 110b
0
0
1
Chroma + two pixels (early)
0
1
0
Chroma + one pixel (early)
0
1
1
No delay
1
0
0
Chroma − one pixel (late)
1
0
1
Chroma − two pixels (late)
1
1
0
Chroma − three pixels (late)
1
1
1
Reserved
AUTO_PDC_EN; automatic
programmed delay control.
automatically programs the
LTA/CTA values so that luma
and chroma are aligned at the
output for all modes of
operation
0
Use values in LTA[1:0] and
CTA[2:0] for delaying
luma/chroma
1
LTA and CTA values determined
automatically
SWPC; allows the Cr and Cb
samples to be swapped
0
No swapping
1
Swaps the Cr and Cb output
samples
0x2B
Misc gain
control
PW_UPD; peak white update
determines the rate of gain
0
Updates once per video line
Peak white must be
enabled; see
LAGC[2:0]
1
Updates once per field
Reserved
1
0
0
0
0
Sets to default
CKE; color kill enable allows
the color kill function to be
switched on and off
0
Color kill disabled
For SECAM color
kill, the threshold is
set at 8%; see
CKILLTHR[2:0]
1
Color kill enabled
Reserved
1
Sets to default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com