Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7182ABCPZ Datasheet(PDF) 73 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 73 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 69Page - Analog Devices ADV7182ABCPZ Datasheet HTML 70Page - Analog Devices ADV7182ABCPZ Datasheet HTML 71Page - Analog Devices ADV7182ABCPZ Datasheet HTML 72Page - Analog Devices ADV7182ABCPZ Datasheet HTML 73Page - Analog Devices ADV7182ABCPZ Datasheet HTML 74Page - Analog Devices ADV7182ABCPZ Datasheet HTML 75Page - Analog Devices ADV7182ABCPZ Datasheet HTML 76Page - Analog Devices ADV7182ABCPZ Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 102 page
background image
Data Sheet
ADV7182A
Rev. 0 | Page 73 of 102
Main Map
Bits (Shading Indicates Default
State)
Comments
Notes
Subaddress
Register
Bit Description
7
6
5
4
3
2
1
0
0x03
Output
control
Reserved
0
0
1
1
0
0
Reserved
TOD; tristate output drivers;
this bit allows the user to
tristate the output drivers;
pixel outputs, HS and
VS/FIELD/SFL
0
Output drivers enabled
See the TIM_OE
and TRI_LLC bits
1
Output drivers tristated
VBI_EN; vertical blanking
interval data enable; allows
VBI data (Line 1 to Line 21) to
be passed through with only a
minimum amount of filtering
performed
0
All lines filtered and scaled
1
Only active video region filtered
0x04
Extended
output
control
Range; allows the user to
select the range of output
values; can be ITU-R BT.656
compliant or can fill the whole
accessible number range
0
16 ≤ Y ≤ 235, 16 ≤ C/P ≤ 240
ITU-R BT.656
1
1 ≤ Y ≤ 254, 1 ≤ C/P ≤ 254
Extended range
EN_SFL_PIN
0
Disables SFL output
SFL output enables
encoder and
decoder to be
connected directly
1
Outputs SFL information on the
SFL pin
BL_C_VBI; blank chroma
during VBI; if set, it enables data
in the VBI region to be passed
through the decoder
undistorted
0
Decode and output color
during VBI
during VBI
1
Blank Cr and Cb values during
VBI
TIM_OE; enables timing
signals output
0
HS, VS, FIELD tristated
Controlled by TOD
1
HS, VS, FIELD forced active
Reserved
0
1
1
BT.656-4; allows the user to
select an output mode
compatible with
ITU-R BT.656-3/-4
0
ITU-R BT.656-3 compatible
1
ITU-R BT.656-4 compatible
0x07
Autodetect
enable
AD_PAL_EN; PAL B/PAL D/PAL I/
PAL G/PAL H autodetect
enable
0
Disables
1
Enables
AD_NTSC_EN; NTSC
autodetect enable
0
Disables
1
Enables
AD_PALM_EN; PAL M
autodetect enable
0
Disables
1
Enables
AD_PALN_EN; PAL N
autodetect enable
0
Disables
1
Enables
AD_P60_EN; PAL 60
autodetect enable
0
Disables
1
Enables
AD_N443_EN; NTSC 4.43
autodetect enable
0
Disables
1
Enables
AD_SECAM_EN; SECAM
autodetect enable
0
Disables
1
Enables
AD_SEC525_EN; SECAM 525
autodetect enable
0
Disables
1
Enables
0x08
Contrast
CON[7:0]; contrast adjust; this
is the user control for contrast
adjustment
1
0
0
0
0
0
0
0
Luma gain = 1
0x00 gain = 0,
0x80 gain = 1,
0xFF gain = 2
0x0A
Brightness
adjust
BRI[7:0]; this register controls
the brightness of the video
signal
0
0
0
0
0
0
0
0
0x00 = 0 IRE,
0x7F = +30 IRE,
0x80 = −30 IRE
0x0B
Hue adjust
HUE[7:0]; this register contains
the value for the color hue
adjustment
0
0
0
0
0
0
0
0
Hue range = −90° to
+90°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com