Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7182ABCPZ Datasheet(PDF) 91 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 91 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 87Page - Analog Devices ADV7182ABCPZ Datasheet HTML 88Page - Analog Devices ADV7182ABCPZ Datasheet HTML 89Page - Analog Devices ADV7182ABCPZ Datasheet HTML 90Page - Analog Devices ADV7182ABCPZ Datasheet HTML 91Page - Analog Devices ADV7182ABCPZ Datasheet HTML 92Page - Analog Devices ADV7182ABCPZ Datasheet HTML 93Page - Analog Devices ADV7182ABCPZ Datasheet HTML 94Page - Analog Devices ADV7182ABCPZ Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 102 page
background image
Data Sheet
ADV7182A
Rev. 0 | Page 91 of 102
Interrupt/VDP Map
Bit (Shading
Indicates Default
State)
Address Register
Bit Description
7 654 3210 Comments
Notes
0x44
Interrupt Mask 1
(read/write)
SD_LOCK_MSK
0
Masks SD_LOCK_Q bit
1
Unmasks SD_LOCK_Q bit
SD_UNLOCK_MSK
0
Masks SD_UNLOCK_Q bit
1
Unmasks SD_UNLOCK_Q bit
Reserved
0 0 0
Not used
SD_FR_CHNG_MSK
0
Masks SD_FR_CHNG_Q bit
1
Unmasks SD_FR_CHNG_Q bit
MV_PS_CS_MSK
0
Masks MV_PS_CS_Q bit
1
Unmasks MV_PS_CS_Q bit
Reserved
x
Not used
0x45
Raw Status 2
(read only)
CCAPD
0
No CCAPD data detected—
VBI System 2
These bits are status bits only;
they cannot be cleared or
masked; Register 0x46 is used
for this purpose
1
CCAPD data detected—
VBI System 2
Reserved
x x x
EVEN_FIELD
0
Current SD field is odd
numbered
1
Current SD field is even
numbered
CHX_MIN_MAX_INTRQ
0
If the input to the ADC is
within the correct range this
is 0
1
If the input to the ADC is
outside the range this is set
to 1. The range is set by User
Sub Map 2
Reserved
x
Not used
MPU_STIM_INTRQ
0
MPU_STIM_INTRQ = 0
1
MPU_STIM_INTRQ = 1
0x46
Interrupt Status 2
(read only)
CCAPD_Q
0
Closed captioning not
detected in the input video
signal—VBI System 2
These bits can be cleared or
masked by Register 0x47 and
Register 0x48, respectively; note
that the interrupt in Register
0x46 for the CCAP, CGMS, and
WSS data uses the Mode 1 data
slicer
1
Closed captioning data
detected in the video input
signal—VBI System 2
Reserved
x
Not used
Reserved
x x
Not used
SD_FIELD_CHNGD_Q
0
SD signal has not changed
field from odd to even or vice
versa
1
SD signal has changed field
from odd to even or vice
versa
Reserved
x x
Not used
MPU_STIM_INTRQ_Q
0
Manual interrupt not set
1
Manual interrupt set
0x47
Interrupt Clear 2
(write only)
CCAPD_CLR
0
Do not clear—VBI System 2
Note that interrupt in
Register 0x46 for the CCAP,
CGMS, and WSS data uses the
Mode 1 data slicer
1
Clears CCAPD_Q bit—VBI
System 2
Reserved
x
Not used
Reserved
x x
SD_FIELD_CHNGD_CLR
0
Do not clear
1
Clears SD_FIELD_CHNGD_
Q bit
CHX_MIN_MAX_INTRQ_CLR
0
Do not clear
1
Clears CHX_MIN_MAX_
INTRQ bit
Reserved
x
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com