Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7182ABCPZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 2Page - Analog Devices ADV7182ABCPZ Datasheet HTML 3Page - Analog Devices ADV7182ABCPZ Datasheet HTML 4Page - Analog Devices ADV7182ABCPZ Datasheet HTML 5Page - Analog Devices ADV7182ABCPZ Datasheet HTML 6Page - Analog Devices ADV7182ABCPZ Datasheet HTML 7Page - Analog Devices ADV7182ABCPZ Datasheet HTML 8Page - Analog Devices ADV7182ABCPZ Datasheet HTML 9Page - Analog Devices ADV7182ABCPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 102 page
background image
ADV7182A
Data Sheet
Rev. 0 | Page 6 of 102
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
POWER DOWN PERFORMANCE1
Digital Input/Output Supply Power-Down Current
PLL Supply Power-Down Current
IDVDDIO
73
μA
Analog Supply Power-Down Current
IPVDD
38
μA
Digital Supply Power-Down Current
IAVDD
0.15
μA
Total Power Dissipation in Power-Down Mode
IDVDD
368
μA
1
mW
CRYSTAL OSCILLATOR1
Transconductance
gM
30
mA/V
1 Guaranteed by characterization.
2 Typical current consumption values are recorded with nominal voltage supply levels and an SMPTEBAR test pattern.
VIDEO SPECIFICATIONS
Guaranteed by characterization. AVDD, DVDD, and PVDD = 1.71 V to 1.89 V; DVDDIO = 1.62 V to 3.63 V, specified at operating temperature
range, unless otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
NONLINEAR SPECIFICATIONS1
Differential Phase
DP
CVBS input, modulate five step
0.9
Degrees
Differential Gain
DG
CVBS input, modulate five step
0.5
%
Luma Nonlinearity
LNL
CVBS input, five step
2.0
%
NOISE SPECIFICATIONS
SNR Unweighted
Luma ramp
57
dB
Luma flat field
58
dB
Analog Front-End Crosstalk
60
dB
Common-Mode Rejection2
CMR
75
dB
LOCK TIME SPECIFICATIONS
Horizontal Lock Range
−5
+5
%
Vertical Lock Range
40
70
Hz
Subcarrier Lock Range
fSC
±1.3
kHz
Color Lock In Time
60
Lines
Sync Depth Range
20
200
%
Color Burst Range
5
200
%
Vertical Lock Time
2
Fields
Autodetection Switch Speed3
100
Lines
Fast Switch Speed4
100
ms
LUMA SPECIFICATIONS
CVBS, 1 V input
Luma Brightness Accuracy
1
%
Luma Contrast Accuracy
1
%
1 These specifications apply for all CVBS input types (NTSC, PAL, and SECAM), as well as for single-ended and differential CVBS inputs.
2 The CMR of this circuit design is critically dependent on the external resistor matching on its inputs. This measurement was performed with 0.1% tolerant resistors, a
common-mode voltage of 1 V, and a common-mode frequency of 10 kHz.
3 Autodetection switch speed is the time it takes the ADV7182A to detect the video format present at its input, for example, PAL I or NTSC M.
4 Fast switch speed is the time it takes the ADV7182A to switch from one single-ended or differential analog input to another, for example, switching from AIN1 to AIN2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com