Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7182ABCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 3Page - Analog Devices ADV7182ABCPZ Datasheet HTML 4Page - Analog Devices ADV7182ABCPZ Datasheet HTML 5Page - Analog Devices ADV7182ABCPZ Datasheet HTML 6Page - Analog Devices ADV7182ABCPZ Datasheet HTML 7Page - Analog Devices ADV7182ABCPZ Datasheet HTML 8Page - Analog Devices ADV7182ABCPZ Datasheet HTML 9Page - Analog Devices ADV7182ABCPZ Datasheet HTML 10Page - Analog Devices ADV7182ABCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 102 page
background image
Data Sheet
ADV7182A
Rev. 0 | Page 7 of 102
TIMING SPECIFICATIONS
Guaranteed by characterization. AVDD, DVDD, and PVDD = 1.71 V to 1.89 V; DVDDIO = 1.62 V to 3.63 V, specified at operating temperature
range, unless otherwise noted.
Table 3.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
SYSTEM CLOCK AND CRYSTAL
Nominal Frequency
28.63636
MHz
Frequency Stability
±50
ppm
I2C PORT
SCLK Frequency
400
kHz
SCLK Minimum Pulse Width
High
t1
0.6
μs
Low
t2
1.3
μs
Hold Time (Start Condition)
t3
0.6
μs
Setup Time (Start Condition)
t4
0.6
μs
SDATA Setup Time
t5
100
ns
SCLK and SDATA Rise Times
t6
300
ns
SCLK and SDATA Fall Times
t7
300
ns
Setup Time for Stop Condition
t8
0.6
μs
RESET FEATURE
RESET Pulse Width
5
ms
CLOCK OUTPUTS
LLC Mark Space Ratio
t9:t10
45:55
55:45
% duty cycle
DATA AND CONTROL OUTPUTS
Data Output Transitional Time
t11
Negative clock edge to start of valid data
(tACCESS = t10 − t11)
3.8
ns
t12
End of valid data to negative clock edge
(tHOLD = t9 + t12)
6.9
ns
Timing Diagrams
Figure 2. I2C Timing Diagram
Figure 3. Pixel Port and Control Output Timing Diagram
SDATA
SCLK
t3
t5
t3
t4
t8
t6
t7
t2
t1
OUTPUT LLC
OUTPUTS P0 TO P7, HS,
VS/FIELD/SFL
t9
t10
t11
t12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com