Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7182ABCPZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 15Page - Analog Devices ADV7182ABCPZ Datasheet HTML 16Page - Analog Devices ADV7182ABCPZ Datasheet HTML 17Page - Analog Devices ADV7182ABCPZ Datasheet HTML 18Page - Analog Devices ADV7182ABCPZ Datasheet HTML 19Page - Analog Devices ADV7182ABCPZ Datasheet HTML 20Page - Analog Devices ADV7182ABCPZ Datasheet HTML 21Page - Analog Devices ADV7182ABCPZ Datasheet HTML 22Page - Analog Devices ADV7182ABCPZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 102 page
background image
Data Sheet
ADV7182A
Rev. 0 | Page 19 of 102
VS/FIELD/SFL Sync Mux Selection
FLD_OUT_SEL[2:0]—Address 0x6B, Bits[2:0]
The FLD_OUT_SEL[2:0] bits select whether the VS/FIELD/
SFL pin outputs vertical sync, horizontal sync, field sync, data
enable (DE), or subcarrier frequency lock (SFL) signals.
Note that the VS/FIELD/SFL pin must be active for this selection
to occur. See the Tristate Output Drivers section and the
Tristate LLC Driver section.
Table 12. FLD_OUT_SEL Function
FLD_OUT_SEL[2:0]
Description
000
The VS/FIELD/SFL pin outputs horizontal
sync information.
001
The VS/FIELD/SFL pin outputs vertical sync
information.
010 (default)
The VS/FIELD/SFL pin outputs field sync
information.
011
The VS/FIELD/SFL pin outputs DE
information.
100
The VS/FIELD/SFL pin outputs SFL
information.
HS Sync Mux Selection
HS_OUT_SEL[2:0]—Address 0x6A, Bits[2:0]
The HS_OUT_SEL[2:0] bits allow the user to change the operation
of the HS pin. The HS pin is set to output horizontal sync signals as
the default. The user can also set the HS pin to output vertical
sync, field sync, DE, or SFL information.
Note that the HS pin must be active for this selection to occur
(see the Tristate Output Drivers section and the Tristate LLC Driver
section).
Table 13. HS_OUT_SEL Function
HS_OUT_SEL[2:0]
Description
000 (default)
The HS pin output horizontal sync
information.
001
The HS pin outputs vertical sync information.
010
The HS pin outputs field sync information.
011
The HS pin outputs DE information.
100
The HS pin outputs SFL information.
Drive Strength Selection (Data)
DR_STR[1:0]—Address 0xF4, Bits[5:4]
For EMC and crosstalk reasons, it may be desirable to strengthen or
weaken the drive strength of the output drivers. The DR_STR[1:0]
bits affect the drive strength for the pixel output pins (P[7:0])
and the timing pins (HS and VS/FIELD/SFL).
For more information on tristate control, see the Tristate
Output Drivers section and the Tristate LLC Driver section.
Table 14. DR_STR Function
DR_STR[1:0]
Description
00
Low drive strength (1×)
01 (default)
Medium low drive strength (2×)
10
Medium high drive strength (3×)
11
High drive strength (4×)
Drive Strength Selection (Clock)
DR_STR_C[1:0]—Address 0xF4, Bits[3:2]
The DR_STR_C[1:0] bits can be used to select the strength of
the clock signal output driver (LLC pin). For more information,
see the Drive Strength Selection (Data) section.
Table 15. DR_STR_C Function
DR_STR_C[1:0]
Description
00
Low drive strength (1×)
01 (default)
Medium low drive strength (2×)
10
Medium high drive strength (3×)
11
High drive strength (4×)
Drive Strength Selection (I2C)
DR_STR_S[1:0]—Address 0xF4, Bits[1:0]
The DR_STR_S[1:0] bits allow the user to select the strength of
the I2C signal output drivers. This affects the drive strength for
the SDA and SCL pins.
Table 16. DR_STR_S Function
DR_STR_S[1:0]
Description
00
Low drive strength (1×)
01 (default)
Medium low drive strength (2×)
10
Medium high drive strength (3×)
11
High drive strength (4×)
Enable Subcarrier Frequency Lock Pin
EN_SFL_PIN—Address 0x04, Bit 1
The EN_SFL_PIN bit enables the output of subcarrier lock
information (also known as genlock) from the ADV7182A core
to an encoder in a decoder/encoder back to back arrangement.
When the EN_SFL_PIN is 0 (default), the SFL output is
disabled. When EN_SFL_PIN is 1, the SFL information is
presented on the SFL pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com