Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7182ABCPZ Datasheet(PDF) 29 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 29 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 25Page - Analog Devices ADV7182ABCPZ Datasheet HTML 26Page - Analog Devices ADV7182ABCPZ Datasheet HTML 27Page - Analog Devices ADV7182ABCPZ Datasheet HTML 28Page - Analog Devices ADV7182ABCPZ Datasheet HTML 29Page - Analog Devices ADV7182ABCPZ Datasheet HTML 30Page - Analog Devices ADV7182ABCPZ Datasheet HTML 31Page - Analog Devices ADV7182ABCPZ Datasheet HTML 32Page - Analog Devices ADV7182ABCPZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 102 page
background image
Data Sheet
ADV7182A
Rev. 0 | Page 29 of 102
Clamp Operation Controls
The following sections describe the I2C signals that can be used
to influence the behavior of the clamping block.
CCLEN, Current Clamp Enable—Address 0x14, Bit 4
The current clamp enable bit allows the user to switch off all the
current sources in the AFE simultaneously which is useful if the
incoming analog video signal is clamped externally.
When CCLEN is 0, the current sources are switched off. When
CCLEN is 1 (default), the current sources are enabled.
DCT[1:0], Digital Clamp Timing—Address 0x15, Bits[6:5]
The clamp timing register determines the time constant of the
digital fine clamp circuitry. Note that the digital fine clamp reacts
quickly because it immediately corrects any residual dc level error
for the active line. The time constant from the digital fine clamp
must be much quicker than the one from the analog blocks.
By default, the time constant of the digital fine clamp is adjusted
dynamically to suit the currently connected input signal.
Table 36. DCT Function
DCT[1:0]
Description
00 (default)
Slow; time constant (TC) = 1 sec
01
Medium; TC = 0.5 sec
10
Fast; TC = 0.1 sec
11
Determined by ADV7182A, depending on the
input video parameters
DCFE, Digital Clamp Freeze Enable—Address 0x15, Bit 4
This bit allows the user to freeze the digital clamp loop at any
time to perform manual clamping. The user can disable the
current sources for analog clamping via the appropriate register
bits, wait until the digital clamp loop settles, and then freeze it
via the DCFE bit.
When DCFE is set to 0 (default), the digital clamp is operational.
When DCFE is 1, the digital clamp loop is frozen.
LUMA FILTER
Data from the digital fine clamp block is processed by the three
sets of filters that follow. The data format at this point is CVBS
for CVBS input or luma only for Y/C and YPrPb input formats.
The ADV7182A receives video at a rate of 28.6363 MHz.
(In the case of 4× oversampled video, the ADC samples at
57.27 MHz, and the first decimation is performed inside the
DPP filters. Therefore, the data rate into the ADV7182A is
always 28.6363 MHz.) ITU-R BT.601 recommends a sampling
frequency of 13.5 MHz. The luma antialias filter (YAA) decimates
the oversampled video using a high quality linear phase, low-pass
filter that preserves the luma signal while, at the same time,
attenuating out of band components. The luma antialias filter
(YAA) has a fixed response.
The luma shaping filter (YSH) block is a programmable low-pass
filter with a wide variety of responses. It can be used to reduce
selectively the luma video signal bandwidth (needed prior to
scaling, for example). For some video sources that contain high
frequency noise, reducing the bandwidth of the luma signal
improves visual picture quality. If the video is low-pass filtered,
a follow on video compression stage can work more efficiently.
The ADV7182A has two responses for the shaping filter: one
that is used for good quality composite, component, and SVHS type
sources; and a second for nonstandard CVBS signals.
The YSH filter responses also include a set of notches for PAL
and NTSC. However, using the comb filters for Y/C separation
is recommended.
The digital resampling filter block allows dynamic resampling
of the video signal to alter parameters such as the time base of a
line of video. Fundamentally, the resampler is a set of low-pass
filters. The actual response is chosen by the system with no
requirement for user intervention.
Figure 18 through Figure 21 show the overall response of all filters
together. Unless otherwise noted, the filters are set into a typical
wideband mode.
Y Shaping Filter
For input signals in CVBS format, the luma shaping filters play
an essential role in removing the chroma component from a
composite signal. Y/C separation must aim for best possible
crosstalk reduction while still retaining as much bandwidth
(especially on the luma component) as possible. High quality
Y/C separation can be achieved by using the internal comb
filters of the ADV7182A. Comb filtering, however, relies on the
frequency relationship of the luma component (multiples of the
video line rate) and the color subcarrier (fSC). For good quality
CVBS signals, this relationship is known; the comb filter algorithms
can be used to separate luma and chroma with high accuracy.
In the case of nonstandard video signals, the frequency relationship
may be disturbed, and the comb filters may not be able to remove
all crosstalk artifacts in the best fashion without the assistance
of the shaping filter block.
An automatic mode is provided that allows the ADV7182A to
evaluate the quality of the incoming video signal and select the
filter responses in accordance with the signal quality and video
standard. YFSM, WYSFMOVR, and WYSFM allow the user to
manually override the automatic decisions in part or in full.
The luma shaping filter has the following control bits.
YSFM[4:0] allows the user to manually select a shaping
filter mode (applied to all video signals) or to enable an
automatic selection (depending on video quality and video
standard).
WYSFMOVR allows the user to manually override the
WYSFM decision.
WYSFM[4:0] allows the user to select a different shaping
filter mode for good quality composite (CVBS), component
(YPrPb), and SVHS (Y/C) input signals.
In automatic mode, the system preserves the maximum possible
bandwidth for good CVBS sources (because they can be successfully



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com