Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7182ABCPZ Datasheet(PDF) 72 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 72 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 68Page - Analog Devices ADV7182ABCPZ Datasheet HTML 69Page - Analog Devices ADV7182ABCPZ Datasheet HTML 70Page - Analog Devices ADV7182ABCPZ Datasheet HTML 71Page - Analog Devices ADV7182ABCPZ Datasheet HTML 72Page - Analog Devices ADV7182ABCPZ Datasheet HTML 73Page - Analog Devices ADV7182ABCPZ Datasheet HTML 74Page - Analog Devices ADV7182ABCPZ Datasheet HTML 75Page - Analog Devices ADV7182ABCPZ Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 102 page
background image
ADV7182A
Data Sheet
Rev. 0 | Page 72 of 102
Address
Register Name RW 7
6
5
4
3
2
1
0
Reset
Value
Hex
Dec
Hex
127
7F
VDP_CGMS_
WSS_DATA_2
R
CGMS_
WSS[7]
CGMS_
WSS[6]
CGMS_
WSS[5]
CGMS_
WSS[4]
CGMS_
WSS[3]
CGMS_
WSS[2]
CGMS_
WSS[1]
CGMS_
WSS[0]
156
9C
VDP_OUTPUT_
SEL
RW
WSS_CGMS_
CB_CHANGE
00110000 30
1 x in a reset value indicates do not care.
2 B at the end of the bit name equals an overbar for the whole bit name.
To access all the registers listed in Table 96, SUB_USR_EN in Register Address 0x0E must be programmed to 00b. The gray shading is the default.
Table 96. Register Map Descriptions (Main Register Map)1
Main Map
Bits (Shading Indicates Default
State)
Comments
Notes
Subaddress
Register
Bit Description
7
6
5
4
3
2
1
0
0x00
Input control
INSEL[4:0]; the INSEL bits allow
the user to select an input
channel and the input format
0
0
0
0
0
CVBS input on AIN1
0
0
0
0
1
CVBS input on AIN2
0
0
0
1
0
CVBS input on AIN3
0
0
0
1
1
CVBS input on AIN4
0
1
0
0
0
Y input on AIN1, C input on AIN2
0
1
0
0
1
Y input on AIN3, C input on AIN4
0
1
1
0
0
Y input on AIN1, Pb input on AIN2,
Pr input on AIN3
0
1
1
1
0
Differential positive on AIN1,
differential negative on AIN2
0
1
1
1
1
Differential positive on AIN3,
differential negative on AIN4
0x01
Video
Selection 1
Reserved
0
0
0
Sets to default
ENVSPROC
0
Disables VSYNC processor
1
Enables VSYNC processor
Reserved
0
Sets to default
BETACAM; enables BETACAM
levels
0
Standard video input
1
Betacam input enable
ENHSPLL
0
Disables HSYNC processor
1
Enables HSYNC processor
Reserved
1
Sets to default
0x02
Video
Selection 2
Reserved
0
1
0
0
Set to default
VID_SEL[3:0]; the VID_SEL bits
allow the user to select the
input video standard
0
0
0
0
Autodetects PAL B/PAL G/PAL H/
PAL I/PAL D, NTSC J (no
pedestal), SECAM
0
0
0
1
Autodetects PAL B/PAL G/PAL H/
PAL I/PAL D, NTSC M (pedestal),
SECAM
0
0
1
0
Autodetects PAL N (pedestal),
NTSC J (no pedestal), SECAM
0
0
1
1
Autodetects PAL N (pedestal),
NTSC M (pedestal) SECAM
0
1
0
0
NTSC J
0
1
0
1
NTSC M
0
1
1
0
PAL 60
0
1
1
1
NTSC 4.43
1
0
0
0
PAL B/G/H/I/D
1
0
0
1
PAL N = PAL B/PAL G/PAL H/
PAL I/PAL D (with pedestal)
1
0
1
0
PAL M (without pedestal)
1
0
1
1
PAL M
1
1
0
0
PAL Combination N
1
1
0
1
PAL Combination N (with
pedestal)
1
1
1
0
SECAM
1
1
1
1
SECAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com