Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7182ABCPZ Datasheet(PDF) 97 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 97 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 93Page - Analog Devices ADV7182ABCPZ Datasheet HTML 94Page - Analog Devices ADV7182ABCPZ Datasheet HTML 95Page - Analog Devices ADV7182ABCPZ Datasheet HTML 96Page - Analog Devices ADV7182ABCPZ Datasheet HTML 97Page - Analog Devices ADV7182ABCPZ Datasheet HTML 98Page - Analog Devices ADV7182ABCPZ Datasheet HTML 99Page - Analog Devices ADV7182ABCPZ Datasheet HTML 100Page - Analog Devices ADV7182ABCPZ Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 102 page
background image
Data Sheet
ADV7182A
Rev. 0 | Page 97 of 102
Interrupt/VDP Map
Bit (Shading
Indicates Default
State)
Address Register
Bit Description
7 654 3210 Comments
Notes
0x66
VDP_LINE_010
VBI_DATA_P320_N287[3:0]
0 0 0 0
Sets VBI standard to be
decoded from Line 320 (PAL),
Line 287 (NTSC)
MAN_LINE_PGM must be set to
1 for these bits to be effective
VBI_DATA_P7_N24[3:0]
0 0 0 0
Sets VBI standard to be
decoded from Line 7 (PAL),
Line 24 (NTSC)
0x67
VDP_LINE_011
VBI_DATA_P321_N288[3:0]
0 0 0 0
Sets VBI standard to be
decoded from Line 321 (PAL),
Line 288 (NTSC)
MAN_LINE_PGM must be set to
1 for these bits to be effective
VBI_DATA_P8_N25[3:0]
0 0 0 0
Sets VBI standard to be
decoded from Line 8 (PAL),
Line 25 (NTSC)
0x68
VDP_LINE_012
VBI_DATA_P322[3:0]
0 0 0 0
Sets VBI standard to be
decoded from Line 322 (PAL),
NTSC—not applicable
MAN_LINE_PGM must be set to
1 for these bits to be effective
VBI_DATA_P9[3:0]
0 0 0 0
Sets VBI standard to be
decoded from Line 9 (PAL),
NTSC—not applicable
0x69
VDP_LINE_013
VBI_DATA_P323[3:0]
0 0 0 0
Sets VBI standard to be
decoded from Line 323 (PAL),
NTSC—not applicable
MAN_LINE_PGM must be set to
1 for these bits to be effective
VBI_DATA_P10[3:0]
0 0 0 0
Sets VBI standard to be
decoded from Line 10 (PAL),
NTSC—not applicable
0x6A
VDP_LINE_014
VBI_DATA_P324_N272[3:0]
0 0 0 0
Sets VBI standard to be
decoded from Line 324 (PAL),
Line 272 (NTSC)
MAN_LINE_PGM must be set to
1 for these bits to be effective
VBI_DATA_P11[3:0]
0 0 0 0
Sets VBI standard to be
decoded from Line 11 (PAL);
NTSC—not applicable
0x6B
VDP_LINE_015
VBI_DATA_P325_N273[3:0]
0 0 0 0
Sets VBI standard to be
decoded from Line 325 (PAL),
Line 273 (NTSC)
MAN_LINE_PGM must be set to
1 for these bits to be effective
VBI_DATA_P12_N10[3:0]
0 0 0 0
Sets VBI standard to be
decoded from Line 12 (PAL),
Line 10 (NTSC)
0x6C
VDP_LINE_016
VBI_DATA_P326_N274[3:0]
0 0 0 0
Sets VBI standard to be
decoded from Line 326 (PAL),
Line 274 (NTSC)
MAN_LINE_PGM must be set to
1 for these bits to be effective
VBI_DATA_P13_N11[3:0]
0 0 0 0
Sets VBI standard to be
decoded from Line 13 (PAL),
Line 11 (NTSC)
0x6D
VDP_LINE_017
VBI_DATA_P327_N275[3:0]
0 0 0 0
Sets VBI standard to be
decoded from Line 327 (PAL),
Line 275 (NTSC)
MAN_LINE_PGM must be set to
1 for these bits to be effective
VBI_DATA_P14_N12[3:0]
0 0 0 0
Sets VBI standard to be
decoded from Line 14 (PAL),
Line 12 (NTSC)
0x6E
VDP_LINE_018
VBI_DATA_P328_N276[3:0]
0 0 0 0
Sets VBI standard to be
decoded from Line 328 (PAL),
Line 276 (NTSC)
MAN_LINE_PGM must be set to
1 for these bits to be effective
VBI_DATA_P15_N13[3:0]
0 0 0 0
Sets VBI standard to be
decoded from Line 15 (PAL),
Line 13 (NTSC)
0x6F
VDP_LINE_019
VBI_DATA_P329_N277[3:0]
0 0 0 0
Sets VBI standard to be
decoded from Line 329 (PAL),
Line 277 (NTSC)
MAN_LINE_PGM must be set to
1 for these bits to be effective
VBI_DATA_P16_N14[3:0]
0 0 0 0
Sets VBI standard to be
decoded from Line 16 (PAL),
Line 14 (NTSC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com