Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7182ABCPZ Datasheet(PDF) 101 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 101 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 94Page - Analog Devices ADV7182ABCPZ Datasheet HTML 95Page - Analog Devices ADV7182ABCPZ Datasheet HTML 96Page - Analog Devices ADV7182ABCPZ Datasheet HTML 97Page - Analog Devices ADV7182ABCPZ Datasheet HTML 98Page - Analog Devices ADV7182ABCPZ Datasheet HTML 99Page - Analog Devices ADV7182ABCPZ Datasheet HTML 100Page - Analog Devices ADV7182ABCPZ Datasheet HTML 101Page - Analog Devices ADV7182ABCPZ Datasheet HTML 102Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 101 / 102 page
background image
Data Sheet
ADV7182A
Rev. 0 | Page 101 of 102
TYPICAL CIRCUIT CONNECTION
Figure 50 provides an example of how to connect the
ADV7182A. For a detailed schematic of the ADV7182A
evaluation board, refer to the ADV7182A product page at
www.analog.com/ADV7182A.
See the XTAL data sheet (from the XTAL vendor), the AN-1260
Application Note, and the calculator tool (visit the design resources
section at www.analog.com/ADV7182A to download) for the
correct values for C1, C2, and RDAMP.
Figure 50. Typical Connection Diagram
SCLK
28
SCLK
RESET
25
RESET
PWRDWN
31
PWRDWN
SDATA
27
SDATA
LLC
32
LLC
INTRQ
24
INTRQ
VS/FIELD/SFL
29
VS/FIELD/SFL
HS
30
HS
P0
12
P0
P1
11
P1
P2
10
P2
P3
9P3
P4
8P4
P5
7P5
P6
6P6
P7
5P7
P[0:7]
LOCATE CLOSE TO, AND ON THE
SAME SIDE AS, THE ADV7182A.
LOCATE CLOSE TO, AND ON THE
SAME SIDE AS, THE ADV7182A.
28.63636MHz
C1
C2
XTALP
14
XTALN
15
0.1µF
VREFP
19
VREFN
20
ALSB
26
4kΩ
0.1µF
10nF
0.1µF
10nF
0.1µF
10nF
0.1µF
10nF
0.1µF
10nF
ADV7182A
LFCSP-32
51Ω
24Ω
0.1µF
SINGLE-ENDED
INPUT EXAMPLE
AIN3
51Ω
24Ω
0.1µF
SINGLE-ENDED
INPUT EXAMPLE
AIN4
17
18
AIN1
AIN2
AIN1
AIN2
22
23
AIN3
AIN4
AIN3
AIN4
DVDD_1.8V
DVDDIO_3.3V
AVDD_1.8V
DVDDIO_3.3V
DVDD_1.8V
AVDD_1.8V
PVDD_1.8V
YCrCb
8-BIT
656 DATA
DVDDIO
ALSB TIED HI ≥ I2C ADDRESS = 42h
ALSB TIED LOW ≥ I2C ADDRESS = 40h
PSEUDO
DIFFERENTIAL
VCBS INPUT
75Ω
1.3kΩ
0.1µF
1.3kΩ
0.1µF
430Ω
430Ω
AIN2
AIN1
LOCATE CLOSE TO, AND ON THE
SAME SIDE AS, THE ADV7182A.
RDAMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com