Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7182ABCPZ Datasheet(PDF) 32 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 32 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 28Page - Analog Devices ADV7182ABCPZ Datasheet HTML 29Page - Analog Devices ADV7182ABCPZ Datasheet HTML 30Page - Analog Devices ADV7182ABCPZ Datasheet HTML 31Page - Analog Devices ADV7182ABCPZ Datasheet HTML 32Page - Analog Devices ADV7182ABCPZ Datasheet HTML 33Page - Analog Devices ADV7182ABCPZ Datasheet HTML 34Page - Analog Devices ADV7182ABCPZ Datasheet HTML 35Page - Analog Devices ADV7182ABCPZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 102 page
background image
ADV7182A
Data Sheet
Rev. 0 | Page 32 of 102
CHROMA FILTER
Data from the digital fine clamp block is processed by the three
sets of filters as follows (the data format at this point is CVBS for
CVBS inputs, chroma only for Y/C, or U/V interleaved for YPrPb
input formats):
Chroma antialias filter (CAA). The ADV7182A oversamples
the CVBS by a factor of 4. A decimating filter (CAA) preserves
the active video band and removes any out of band
components. The CAA filter has a fixed response.
Chroma shaping filters (CSH). The shaping filter block
(CSH) can be programmed to perform a variety of low-pass
responses. It can be used to selectively reduce the bandwidth
of the chroma signal for scaling or compression.
Digital resampling filter. This block allows dynamic
resampling of the video signal to alter parameters such as
the time base of a line of video. Fundamentally, the resampler
is a set of low-pass filters. The actual response is chosen by
the system without user intervention.
Figure 22 shows the overall response of all filters together.
Figure 19. Combined Y Antialias, CCIR Mode Shaping Filter
Figure 20. Combined Y Antialias, PAL Notch Filters
Figure 21. Combined Y Antialias Filter, NTSC Notch Filters
Figure 22. Chroma Shaping Filter Responses
CSFM[2:0], C Shaping Filter Mode—Address 0x17, Bits[7:5]
The C shaping filter mode bits allow the user to select from a
range of low-pass filters for the chrominance signal. When
switched in automatic mode, the widest filter is selected based
on the video standard/format and user choice (see the 000 and
001 settings in Table 39).
Table 39. CSFM Function
CSFM[2:0]
Description
000 (default)
Autoselection 1.5 MHz bandwidth
001
Autoselection 2.17 MHz bandwidth
010
SH1
011
SH2
100
SH3
101
SH4
110
SH5
111
Wideband mode
Figure 22 shows the responses of SH1 (narrowest) to SH5
(widest) in addition to the wideband mode (shown in red).
0
–20
–40
–60
–80
–100
–120
010
8
6
4
212
FREQUENCY (MHz)
COMBINED Y ANTIALIAS, CCIR MODE SHAPING FILTER,
Y RESAMPLE
0
–10
–20
–30
–40
–50
–60
–70
010
8
6
4
212
FREQUENCY (MHz)
COMBINED Y ANTIALIAS, PAL NOTCH FILTERS,
Y RESAMPLE
0
–10
–20
–30
–40
–50
–60
–70
010
8
6
4
212
FREQUENCY (MHz)
COMBINED Y ANTIALIAS, NTSC NOTCH FILTERS,
Y RESAMPLE
0
–10
–20
–30
–40
–50
–60
05
4
3
2
16
FREQUENCY (MHz)
COMBINED C ANTIALIAS, C SHAPING FILTER,
C RESAMPLER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com