Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7182ABCPZ Datasheet(PDF) 81 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 81 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 77Page - Analog Devices ADV7182ABCPZ Datasheet HTML 78Page - Analog Devices ADV7182ABCPZ Datasheet HTML 79Page - Analog Devices ADV7182ABCPZ Datasheet HTML 80Page - Analog Devices ADV7182ABCPZ Datasheet HTML 81Page - Analog Devices ADV7182ABCPZ Datasheet HTML 82Page - Analog Devices ADV7182ABCPZ Datasheet HTML 83Page - Analog Devices ADV7182ABCPZ Datasheet HTML 84Page - Analog Devices ADV7182ABCPZ Datasheet HTML 85Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 102 page
background image
Data Sheet
ADV7182A
Rev. 0 | Page 81 of 102
Main Map
Bits (Shading Indicates Default
State)
Comments
Notes
Subaddress
Register
Bit Description
7
6
5
4
3
2
1
0
CCMP[2:0]; chroma comb
mode, PAL
0
0
0
Three-line adaptive for CTAPSN =
01, four-line adaptive for
CTAPSN = 10, five-line adaptive
for CTAPSN = 11
1
0
0
Disable chroma comb
1
0
1
Fixed two-line for CTAPSN = 01,
Top lines of memory
fixed three-line for CTAPSN = 10,
fixed four-line for CTAPSN = 11
1
1
0
Fixed three-line for CTAPSN = 01,
All lines of memory
fixed four-line for CTAPSN = 10,
fixed five-line for CTAPSN = 11
1
1
1
Fixed two-line for CTAPSN = 01,
Bottom lines of
memory
fixed three-line for CTAPSN = 10,
fixed four-line for CTAPSN = 11
CTAPSP[1:0]; chroma comb
taps, PAL
0
0
Not used
0
1
Adapts five lines to three lines
(two taps)
1
0
Adapts five lines to three lines
(three taps)
1
1
Adapts five lines to four lines
(four taps)
0x3A
ADC control
Mux power-down override
0
No control over
power-down for
muxes and
associated channel
circuit
1
Allows power-down
of MUX_0/MUX_1/
MUX_2 and
associated channel
circuit; when
INSEL[4:0] is used,
unused channels are
automatically
powered down
PWRDWN_MUX_2; enables
power-down of MUX_2 and
associated channel clamp and
buffer
0
MUX_2 and associated channel
in normal operation
1
Power down MUX_2 and
associated channel operation
MUX PDN override =
1
PWRDWN_MUX_1; enables
power-down of MUX_1 and
associated channel clamp and
buffer
0
MUX_1 and associated channel
in normal operation
1
Power down MUX_1 and
associated channel operation
MUX PDN override =
1
PWRDWN_MUX_0; enables
power-down of MUX_0 and
associated channel clamp and
buffer
0
MUX_0 and associated channel
in normal operation
1
Power down MUX_0 and
associated channel operation
MUX PDN override =
1
Reserved
0
0
0
0
Sets as default
0x3D
Manual
Reserved
0
0
1
0
Sets to default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com