Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7182ABCPZ Datasheet(PDF) 83 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 83 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 79Page - Analog Devices ADV7182ABCPZ Datasheet HTML 80Page - Analog Devices ADV7182ABCPZ Datasheet HTML 81Page - Analog Devices ADV7182ABCPZ Datasheet HTML 82Page - Analog Devices ADV7182ABCPZ Datasheet HTML 83Page - Analog Devices ADV7182ABCPZ Datasheet HTML 84Page - Analog Devices ADV7182ABCPZ Datasheet HTML 85Page - Analog Devices ADV7182ABCPZ Datasheet HTML 86Page - Analog Devices ADV7182ABCPZ Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 102 page
background image
Data Sheet
ADV7182A
Rev. 0 | Page 83 of 102
Main Map
Bits (Shading Indicates Default
State)
Comments
Notes
Subaddress
Register
Bit Description
7
6
5
4
3
2
1
0
0x51
Lock count
CIL[2:0]; count into lock
determines the number of
lines the system must remain
in lock before showing a
locked status
0
0
0
One line of video
0
0
1
Two lines of video
0
1
0
Five lines of video
0
1
1
10 lines of video
1
0
0
100 lines of video
1
0
1
500 lines of video
1
1
0
1000 lines of video
1
1
1
100,000 lines of video
COL[2:0]; count out of lock
determines the number of
lines the system must remain
out-of-lock before showing a
lost-locked status
0
0
0
One line of video
0
0
1
Two lines of video
0
1
0
Five lines of video
0
1
1
10 lines of video
1
0
0
100 lines of video
1
0
1
500 lines of video
1
1
0
1000 lines of video
1
1
1
100,000 lines of video
SRLS; select raw lock signal and
selects the determination of
the lock status
0
Over field with vertical info
1
Line to line evaluation
FSCLE; fSC lock enable
0
Lock status set only by
horizontal lock
1
Lock status set by horizontal
lock and subcarrier lock
0x60
ADC Switch 3
MUX_3[2:0]
0
0
0
0
No connect
0
0
0
1
No connect
0
0
1
0
AIN2
0
0
1
1
No connect
0
1
0
0
AIN4
Reserved
0
0
0
1
0
0x6A
Output Sync
Select 1
HS_OUT_SEL[2:0] selects
which sync comes out on the
HS pin
0
0
0
HSYNC
0
0
1
VSYNC
0
1
0
FIELD
0
1
1
DE
1
0
0
SFL
Reserved
0
0
0
0
0
0x6B
Output Sync
Select 2
FLD_OUT_SEL[2:0] selects
which sync comes out on the
VS/FIELD/SFL pin
0
0
0
HSYNC
0
0
1
VSYNC
0
1
0
FIELD
0
1
1
DE
1
0
0
SFL
Reserved
0
0
0
1
0
Set as default
0x8F
Freerun Line
Length 1
Reserved
0
0
0
0
Set as default
LLC_PAD_SEL[2:0]; enables
manual selection of the clock
for the LLC pin
0
0
0
LLC (nominal 27 MHz) selected
out on LLC pin
1
0
1
LLC (nominal 13.5 MHz)
selected out on LLC pin
Reserved
0
Sets to default
0x99
CCAP1
(read only)
CCAP1[7:0]; closed caption
data register
x
x
x
x
x
x
x
x
CCAP1[7] contains parity bit for
Byte 0
0x9A
CCAP2
(read only)
CCAP2[7:0]; closed caption
data register
x
x
x
x
x
x
x
x
CCAP2[7] contains parity bit for
Byte 0
0x9B
Letterbox 1
(read only)
LB_LCT[7:0]; letterbox data
register
x
x
x
x
x
x
x
x
Reports the number of black
lines detected at the top of
active video
This feature
examines the active
video at the start
and end of each
field; it enables
format detection
even if the video is
not accompanied
0x9C
Letterbox 2
(read only)
LB_LCM[7:0]; letterbox data
register
x
x
x
x
x
x
x
x
Reports the number of black
lines detected in the middle half
of active video if subtitles are
detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com