Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7182ABCPZ Datasheet(PDF) 55 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 55 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 51Page - Analog Devices ADV7182ABCPZ Datasheet HTML 52Page - Analog Devices ADV7182ABCPZ Datasheet HTML 53Page - Analog Devices ADV7182ABCPZ Datasheet HTML 54Page - Analog Devices ADV7182ABCPZ Datasheet HTML 55Page - Analog Devices ADV7182ABCPZ Datasheet HTML 56Page - Analog Devices ADV7182ABCPZ Datasheet HTML 57Page - Analog Devices ADV7182ABCPZ Datasheet HTML 58Page - Analog Devices ADV7182ABCPZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 102 page
background image
Data Sheet
ADV7182A
Rev. 0 | Page 55 of 102
Table 82. Ancillary Data in Byte Output Format1
Byte
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Description
0
0
0
0
0
0
0
0
0
0
0
Ancillary data preamble
1
1
1
1
1
1
1
1
1
1
1
2
1
1
1
1
1
1
1
1
1
1
3
EP
EP
0
I2C_DID6_2[4:0]
0
0
DID
4
EP
EP
I2C_SDID7_2[5:0]
0
0
SDID
5
EP
EP
0
DC[4:0]
0
0
Data count
6
EP
EP
Padding[1:0]
VBI_DATA_STD[3:0]
0
0
ID0 (User Data-Word 1)
7
EP
EP
0
LINE_NUMBER[9:5]
0
0
ID1 (User Data-Word 2)
8
EP
EP
EVEN_FIELD
LINE_NUMBER[4:0]
0
0
ID2 (User Data-Word 3)
9
EP
EP
0
0
0
0
VDP_TTXT_TYPE[1:0]
0
0
ID3 (User Data-Word 4)
10
VBI_WORD_1[7:0]
0
0
ID4 (User Data-Word 5)
11
VBI_WORD_2[7:0]
0
0
ID5 (User Data-Word 6)
12
VBI_WORD_3[7:0]
0
0
ID6 (User Data-Word 7)
13
VBI_WORD_4[7:0]
0
0
ID7 (User Data-Word 8)
14
VBI_WORD_5[7:0]
0
0
ID8 (User Data-Word 9)
Pad 0x200; these
padding words may be
present, depending on
ancillary data type; user
data-word
n − 3
1
0
0
0
0
0
0
0
0
0
n − 2
1
0
0
0
0
0
0
0
0
0
n − 1
B8
Checksum
0
0
CS (checksum word)
1 This mode does not fully comply with ITU-R BT.1364.
Structure of VBI Words in the Ancillary Data Stream
Each VBI data standard is split into a clock run in (CRI), a
framing code (FC), and a number of data bytes (n). The data
packet in the ancillary stream includes only the FC and data
bytes. Table 83 shows the format of VBI_WORD_x in the
ancillary data stream.
Table 83. Structure of VBI Data-Words in the Ancillary Stream
Ancillary Data Byte No.
Byte Type
Description
VBI_WORD_1
FC0
Framing Code[23:16]
VBI_WORD_2
FC1
Framing Code[15:8]
VBI_WORD_3
FC2
Framing Code[7:0]
VBI_WORD_4
DB1
First data byte
…
…
…
VBI_WORD_N + 3
DBn
Last (nth) data byte
VDP Framing Code
The length of the actual framing code depends on the VBI data
standard. For uniformity, the length of the framing code reported
in the ancillary data stream is always 24 bits. For standards with
a smaller framing code length, the extra LSB bits are set to 0.
The valid length of the framing code can be decoded from the
VBI_DATA_STD bits available in ID0 (UDW 1). The framing
code is always reported in the inverse transmission order.
Table 84 shows the framing code and its valid length for VBI
data standards supported by VDP.
Example
For teletext (B-WST), the framing code byte is 11100100 (0xE4),
with bits shown in the order of transmission. VBI_WORD_1 =
0x27, VBI_WORD_2 = 0x00, and VBI_WORD_3 = 0x00
translated into UDWs in the ancillary data stream for nibble
mode are as follows:
UDW5[5:2] = 0010
UDW6[5:2] = 0111
UDW7[5:2] = 0000 (undefined bits set to 0)
UDW8[5:2] = 0000 (undefined bits set to 0)
UDW9[5:2] = 0000 (undefined bits set to 0)
UDW10[5:2] = 0000 (undefined bits set to 0)
For byte mode,
UDW5[9:2] = 0010_0111
UDW6[9:2] = 0000_0000 (undefined bits set to 0)
UDW7[9:2] = 0000_0000 (undefined bits set to 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com