Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7182ABCPZ Datasheet(PDF) 87 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 87 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 83Page - Analog Devices ADV7182ABCPZ Datasheet HTML 84Page - Analog Devices ADV7182ABCPZ Datasheet HTML 85Page - Analog Devices ADV7182ABCPZ Datasheet HTML 86Page - Analog Devices ADV7182ABCPZ Datasheet HTML 87Page - Analog Devices ADV7182ABCPZ Datasheet HTML 88Page - Analog Devices ADV7182ABCPZ Datasheet HTML 89Page - Analog Devices ADV7182ABCPZ Datasheet HTML 90Page - Analog Devices ADV7182ABCPZ Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 102 page
background image
Data Sheet
ADV7182A
Rev. 0 | Page 87 of 102
Main Map
Bits (Shading Indicates Default
State)
Comments
Notes
Subaddress
Register
Bit Description
7
6
5
4
3
2
1
0
NVBIOCCM[1:0]; NTSC VBI odd
field color control
0
0
Color output beginning Line 20
Controls the
position of first line
that outputs color
after VBI on odd
field in NTSC
0
1
ITU-R BT.470 compliant color
output beginning Line 21
1
0
Color output beginning Line 22
1
1
Color output beginning Line 23
0xF3
AFE_
CONTROL 1
AA_FILT_EN[3:0] antialiasing
filter enable
0
Antialiasing Filter 1 disabled
AA_FILT_MAN_OVR
must be enabled to
change settings
defined by
INSEL[4:0]
1
Antialiasing Filter 1 enabled
0
Antialiasing Filter 2 disabled
1
Antialiasing Filter 2 enabled
0
Antialiasing Filter 3 disabled
1
Antialiasing Filter 3 enabled
0
Antialiasing Filter 4 enabled
1
Antialiasing Filter 4 enabled
AA_FILT_MAN_OVR;
antialiasing filter override
0
Override disabled
1
Override enabled
Reserved
0
0
0
0xF4
Drive strength
DR_STR_S[1:0]; selects the
drive strength for the sync
output signals
0
0
Low drive strength (1×)
0
1
Medium low drive strength (2×)
1
0
Medium high drive strength (3×)
1
1
High drive strength (4×)
DR_STR_C[1:0]; selects the
drive strength for the clock
output signal
0
0
Low drive strength (1×)
0
1
Medium low drive strength (2×)
1
0
Medium high drive strength (3×)
1
1
High drive strength (4×)
DR_STR[1:0]; selects the drive
strength for the data output
signals; can be increased or
decreased for EMC or crosstalk
reasons
0
0
Low drive strength (1×)
0
1
Medium low drive strength (2×)
1
0
Medium high drive strength (3×)
1
1
High drive strength (4×)
Reserved
x
GLITCH_FILT_BYP
0
1
0xF8
IF comp
control
IFFILTSEL[2:0]; IF filter
selection for PAL and NTSC
0
0
0
Bypass mode
0 dB
2 MHz NTSC filters
0
0
1
−3 dB
0
1
0
−6 dB
0
1
1
−10 dB
1
0
0
Reserved
3 MHz PAL filters
1
0
1
−2 dB
1
1
0
−5 dB
1
1
1
−7 dB
Reserved
0
0
0
0
0
0xF9
VS mode
control
EXTEND_VS_MAX_FREQ
0
Limits maximum VSYNC
frequency to 66.25 Hz
(475 lines/frame)
1
Limits maximum VSYNC
frequency to 70.09 Hz
(449 lines/frame)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com