Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7182ABCPZ Datasheet(PDF) 58 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 58 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 54Page - Analog Devices ADV7182ABCPZ Datasheet HTML 55Page - Analog Devices ADV7182ABCPZ Datasheet HTML 56Page - Analog Devices ADV7182ABCPZ Datasheet HTML 57Page - Analog Devices ADV7182ABCPZ Datasheet HTML 58Page - Analog Devices ADV7182ABCPZ Datasheet HTML 59Page - Analog Devices ADV7182ABCPZ Datasheet HTML 60Page - Analog Devices ADV7182ABCPZ Datasheet HTML 61Page - Analog Devices ADV7182ABCPZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 102 page
background image
ADV7182A
Data Sheet
Rev. 0 | Page 58 of 102
Interrupt Mask Register Details
The following bits set the interrupt mask on the signal from the
VDP VBI data slicer.
VDP_CCAPD_MSK—Address 0x50, Bit 0, Interrupt/
VDP Map
Setting VDP_CCAPD_MSK to 0 (default) masks (disables) the
interrupt on the VDP_CCAPD_Q signal.
Setting VDP_CCAPD_MSK to 1 unmasks (enables) the
interrupt on the VDP_CCAPD_Q signal.
VDP_CGMS_WSS_CHNGD_MSK—Address 0x50, Bit 2,
Interrupt/VDP Map
Setting VDP_CGMS_WSS_CHNGD_MSK to 0 (default) masks
(disables) the interrupt on the VDP_CGMS_WSS_ CHNGD_Q
signal.
Setting VDP_CGMS_WSS_CHNGD_MSK to 1 unmasks
(enables) the interrupt on the VDP_CGMS_WSS_CHNGD_Q
signal.
Interrupt Status Register Details
The following read only bits contain data detection information
from the VDP module since the status bit was last cleared or
unmasked.
VDP_CCAPD_Q—Address 0x4E, Bit 0, Interrupt/VDP Map
When VDP_CCAPD_Q is 0 (default), CCAP data is not detected.
When VDP_CCAPD_Q is 1, CCAP data is detected.
VDP_CGMS_WSS_CHNGD_Q—Address 0x4E, Bit 2,
Interrupt/VDP Map
When VDP_CGMS_WSS_CHNGD_Q is 0 (default), CGMS or
WSS data is not detected.
VDP_CGMS_WSS_CHNGD_Q is also 0 if the CGMS or WSS
data state has not changed since it was last cleared (see the
Interrupt Status Clear Register Details section).
When VDP_CGMS_WSS_CHNGD_Q is 1, CGM or WSS data
is detected.
Interrupt Status Clear Register Details
It is not necessary to write 0 to these write only bits because
they automatically reset after being set to 1 (self clearing).
VDP_CCAPD_CLR—Address 0x4F, Bit 0,
Interrupt/VDP Map
Setting VDP_CCAPD_CLR to 1 clears the VDP_CCAP_Q bit.
VDP_CGMS_WSS_CHNGD_CLR, Address 0x4F[2],
Interrupt/VDP Map
Setting VDP_CGMS_WSS_CHNGD_CLR to 1 clears the
VDP_CGMS_WSS_CHNGD_Q bit.
I2C READBACK REGISTERS
Teletext
Because teletext is a high data rate standard, the decoded bytes
are available only as ancillary data. However, a TTXT_AVL bit
is provided in I2C so that the user can check whether the VDP
has detected teletext. Note that the TTXT_AVL bit is a plain
status bit and does not use the protocol discussed in the I2C
Interface section. When teletext is detected, the TTXT_AVL bit
goes high and remains high until cleared by the TTXT_CLEAR bit.
TTXT_AVL, Teletext Detected Status—Address 0x78,
Bit 7, Interrupt/VDP Map, Read Only
When TTXT_AVL is 0, teletext is not detected.
When TTXT_AVL is 1, teletext is detected.
TTXT_CLEAR, Teletext Clear—Address 0x78, Bit 7,
Interrupt/VDP Map, Write Only
Setting TTXT_CLEAR to 1 clears the TTXT_AVL bit.
WST Packet Decoding
For WST only, the VDP decodes the magazine and row address
of teletext packets and further decodes the 8 × 4 hamming
coded words of the packet. This feature can be disabled using
the WST_PKT_DECODE_DISABLE bit (Bit 3, Register 0x60,
user sub map). This feature is valid for WST only.
WST_PKT_DECODE_DISABLE, Disable Hamming
Decoding of Bytes in WST—Address 0x60, Bit 3,
Interrupt/VDP Map
Setting WST_PKT_DECODE_DISABLE to 0 enables hamming
decoding of WST packets.
Setting WST_PKT_DECODE_DISABLE to 1 (default) disables
hamming decoding of WST packets.
For hamming coded bytes, the dehammed nibbles are output
along with some error information from the hamming decoder
as follows:
Input hamming coded byte: {D3, P3, D2, P2, D1, P1, D0, P0}
(bits in decoded order)
Output dehammed byte: {E1, E0, 0, 0, D3', D2', D1', D0'}
(Di' – corrected bits, Ei error information).
Table 86. Error Bits in the Dehammed Output Byte
E[1:0]
Error Information
00
No errors detected
01
Error in P4
10
Double error1
11
Single error found and corrected
1 The hamming decoder cannot correct for two decoding errors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com