Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7182ABCPZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 16Page - Analog Devices ADV7182ABCPZ Datasheet HTML 17Page - Analog Devices ADV7182ABCPZ Datasheet HTML 18Page - Analog Devices ADV7182ABCPZ Datasheet HTML 19Page - Analog Devices ADV7182ABCPZ Datasheet HTML 20Page - Analog Devices ADV7182ABCPZ Datasheet HTML 21Page - Analog Devices ADV7182ABCPZ Datasheet HTML 22Page - Analog Devices ADV7182ABCPZ Datasheet HTML 23Page - Analog Devices ADV7182ABCPZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 102 page
background image
ADV7182A
Data Sheet
Rev. 0 | Page 20 of 102
GLOBAL STATUS REGISTERS
Four registers provide summary information about the video
decoder. The IDENT register allows the user to identify the
revision code of the ADV7182A. The other three registers
(Address 0x10, Address 0x12, and Address 0x13) contain
status bits from the ADV7182A.
IDENTIFICATION REGISTER
IDENT[7:0]—Address 0x11, Bits[7:0]
This is the register identification of the ADV7182A revision.
Table 17 describes the various versions of the ADV7182A.
Table 17. IDENT[7:0] CODE
IDENT[7:0]
Description
0x40
Prerelease silicon
0x41
Released silicon
STATUS 1 REGISTER
Status 1[7:0]—Address 0x10, Bits[7:0]
This read only register provides information about the internal
status of the ADV7182A.
See the CIL[2:0], Count in to Lock—Address 0x51, Bits[2:0]
section and the COL[2:0], Count Out of Lock (COL)—Address
0x51, Bits[5:3] section for details on timing.
Depending on the setting of the FSCLE bit, the status registers are
based solely on horizontal timing information or on the horizontal
timing and lock status of the color subcarrier. See the FSCLE,
fSC Lock Enable—Address 0x51, Bit 7 section.
See the Autodetection of SD Modes section for a description of
the AD_RESULT bits.
Table 18. Status 1 Function
Status 1[7:0]
Bit Name
Description
0
IN_LOCK
In lock (now)
1
LOST_LOCK
Lost lock (since last read)
2
FSC_LOCK
fSC locked (now)
3
FOLLOW_PW
AGC follows peak white algorithm
4
AD_RESULT[0]
Result of autodetection
5
AD_RESULT[1]
Result of autodetection
6
AD_RESULT[2]
Result of autodetection
7
COL_KILL
Color kill active
STATUS 2 REGISTER
Status 2[7:0]—Address 0x12, Bits[7:0]
Table 19. Status 2 Function
Status 2[7:0]
Bit Name
Description
0
MVCS DET
Detected Rovi color striping
1
MVCS T3
Rovi color striping protection;
conforms to Type 3 if high, Type
2 if low
2
MV PS DET
Detected Rovi pseudo sync
pulses
3
MV AGC DET
Detected Rovi AGC pulses
4
LL NSTD
Line length is nonstandard
5
FSC NSTD
fSC frequency is nonstandard
6
Reserved
Reserved
7
Reserved
Reserved
STATUS 3 REGISTER
Status 3[7:0]—Address 0x13, Bits[7:0]
Table 20. Status 3 Function
Status 3[7:0]
Bit Name
Description
0
INST_HLOCK
Horizontal lock indicator
(instantaneous)
1
Reserved
Reserved
2
SD_OP_50Hz
Flags whether 50 Hz or 60 Hz is
present at output
3
Reserved
Reserved
4
FREE_RUN_ACT
Flags if the ADV7182A entered
freerun mode (see the Freerun
Operation section)
5
STD FLD LEN
Field length is correct for
currently selected video
standard
6
Interlaced
Interlaced video detected
(field sequence found)
7
PAL_SW_LOCK
Reliable sequence of
swinging bursts detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com