Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7182ABCPZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 12Page - Analog Devices ADV7182ABCPZ Datasheet HTML 13Page - Analog Devices ADV7182ABCPZ Datasheet HTML 14Page - Analog Devices ADV7182ABCPZ Datasheet HTML 15Page - Analog Devices ADV7182ABCPZ Datasheet HTML 16Page - Analog Devices ADV7182ABCPZ Datasheet HTML 17Page - Analog Devices ADV7182ABCPZ Datasheet HTML 18Page - Analog Devices ADV7182ABCPZ Datasheet HTML 19Page - Analog Devices ADV7182ABCPZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 102 page
background image
ADV7182A
Data Sheet
Rev. 0 | Page 16 of 102
ANALOG FRONT END
INPUT CONFIGURATION
The following two steps are crucial for configuring the
ADV7182A to correctly decode the input video.
1.
Use INSEL[4:0] to configure the routing and format decoding
(CVBS, S-Video, or YPrPb).
2.
If the input requirements are not met using the INSEL[4:0]
options, the analog input muxing section must be configured
manually to correctly route the video from the analog input
pins to the ADC. Using the INSEL[4:0] selection, configure
the SDP block, which decodes the digital data, to process
the CVBS, S-Video or YPrPb format.
INSEL[4:0], Input Control—Address 0x00, Bits[4:0]
The INSEL bits allow the user to select the input format. They also
configure the SDP core to process CVBS, differential CVBS,
S-Video (Y/C), or component (YPrPb) format.
INSEL[4:0] has predefined analog input routing schemes that
do not require manual mux programming (see Table 10). This
allows the user to route the various video signal types to the
decoder and select them using INSEL[4:0] only. The added
benefit is that if, for example, the CVBS input is selected, the
remaining channels are powered down.
Table 10. INSEL[4:0]
INSEL[4:0]
Video Format
Analog Input
00000
CVBS
CVBS input on AIN1
00001
CVBS
CVBS input on AIN2
00010
CVBS
CVBS input on AIN3
00011
CVBS
CVBS input on AIN4
01000
S-Video (Y/C)
Y input on AIN1
C input on AIN2
01001
S-Video (Y/C)
Y input on AIN3
C input on AIN4
01100
YPrPb
Y input on AIN1
Pb input on AIN2
Pr input on AIN3
01110
Differential CVBS
Positive on AIN1
Negative on AIN2
01111
Differential CVBS
Positive on AIN3
Negative on AIN4
ANALOG INPUT MUXING
The ADV7182A has an integrated analog muxing section that
allows more than one source of video signal to be connected to
the decoder.
A maximum of four CVBS inputs can be connected to and
decoded by the ADV7182A. As shown in the Pin Configuration
and Function Description section, these analog input pins lie in
close proximity to one another, which requires careful design of the
PCB layout. For example, route ground shielding between all
signals through tracks that are physically close together. It is
strongly recommended that any unused analog input pins be
connected to AGND to act as a shield.
Figure 8. Manual Muxing
MAN_MUX_EN, Manual Input Muxing Enable—
Address 0xC4, Bit 7
To configure the ADV7182A analog muxing section, the user
must select the analog input AIN1 to AIN8 that is to be processed
by the ADC. MAN_MUX_EN must be set to 1 to enable the
following muxing blocks:
MUX_0[2:0], ADC mux configuration (Address 0xC3,
Bits[2:0])
MUX_1[2:0], ADC mux configuration (Address 0xC3,
Bits[6:4])
MUX_2[2:0], ADC mux configuration (Address 0xC4,
Bits[2:0])
MUX_3[2:0], ADC mux configuration (Address 0x60,
Bits[2:0])
The four mux sections are controlled by the signal buses,
MUX_0/MUX_1/MUX_2/MUX_3[2:0]. Table 11 explains the
control words used.
The input signal that contains the timing information (HS and VS)
must be processed by MUX_0. For example, in an S-Video
input configuration, connect MUX_0 to the Y channel and
MUX_1 to the C channel. When one or more muxes are not used
to process video, such as the CVBS input, the idle mux and
associated channel clamps and buffers must be powered down
(see the description of Register 0x3A in Table 96).
AIN1
AIN2
AIN3
AIN4
AIN4
AIN2
MAN_MUX_EN
MUX_0[2:0]
MUX_3[2:0]
AIN2
AIN4
MUX_1[2:0]
AIN2
AIN3
MUX_2[2:0]
ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com