Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7182ABCPZ Datasheet(PDF) 36 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 36 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 32Page - Analog Devices ADV7182ABCPZ Datasheet HTML 33Page - Analog Devices ADV7182ABCPZ Datasheet HTML 34Page - Analog Devices ADV7182ABCPZ Datasheet HTML 35Page - Analog Devices ADV7182ABCPZ Datasheet HTML 36Page - Analog Devices ADV7182ABCPZ Datasheet HTML 37Page - Analog Devices ADV7182ABCPZ Datasheet HTML 38Page - Analog Devices ADV7182ABCPZ Datasheet HTML 39Page - Analog Devices ADV7182ABCPZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 102 page
background image
ADV7182A
Data Sheet
Rev. 0 | Page 36 of 102
CKILLTHR[2:0], Color Kill Threshold—Address 0x3D,
Bits[6:4]
The CKILLTHR[2:0] bits allow the user to select a threshold for
the color kill function. The threshold applies only to QAM-based
(NTSC and PAL) or FM-modulated (SECAM) video standards.
To enable the color kill function, the CKE bit must be set. For
the 000, 001, 010, and 011 settings, chroma demodulation
inside the ADV7182A may not work satisfactorily for poor
input video signals.
Table 49. CKILLTHR Function
Description
CKILLTHR[2:0]
NTSC, PAL
SECAM
000
Kill at <0.5%
No color kill
001
Kill at <1.5%
Kill at <5%
010 (default)
Kill at <2.5%
Kill at <7%
011
Kill at <4%
Kill at <8%
100
Kill at <8.5%
Kill at <9.5%
101
Kill at <16%
Kill at <15%
110
Kill at <32%
Kill at <32%
111
Reserved for Analog
Devices internal use
only; do not select
Reserved for Analog
Devices internal use
only; do not select
CHROMA TRANSIENT IMPROVEMENT (CTI)
The signal bandwidth allocated for chroma is typically much
smaller than that for luminance. In the past, this was a valid way
to fit a color video signal into a given overall bandwidth because
the human eye is less sensitive to chrominance than to luminance.
The uneven bandwidth, however, may lead to visual artifacts in
sharp color transitions. At the border of two bars of color, both
components (luma and chroma) change at the same time (see
Figure 26). Due to the higher bandwidth, the signal transition
of the luma component is usually much sharper than that of the
chroma component. The color edge is not sharp, and in the
worst case it can be blurred over several pixels.
Figure 26. CTI Luma/Chroma Transition
The chroma transient improvement block examines the input video
data. It detects transitions of chroma and can be programmed to
create steeper chroma edges in an attempt to artificially restore lost
color bandwidth. The CTI block, however, operates only on edges
above a certain threshold to ensure that noise is not emphasized.
Care was taken to ensure that edge ringing and undesirable
saturation or hue distortion are avoided.
Chroma transient improvements are needed primarily for signals
that have severe chroma bandwidth limitations. For these types
of signals, it is strongly recommended to enable the CTI block
via CTI_EN.
CTI_EN, Chroma Transient Improvement (CTI) Enable—
Address 0x4D, Bit 0
Set CTI_EN to 0 to disable the CTI block.
Set CTI_EN to 1 (default) to enable the CTI block.
CTI_AB_EN, Chroma Transient Improvement Alpha
Blend Enable—Address 0x4D, Bit 1
The CTI_AB_EN bit enables an alpha blend function within
the CTI block. If set to 1, the alpha blender mixes the transient
improved chroma with the original signal. The sharpness of the
alpha blending can be configured via the CTI_AB[1:0] bits.
For the alpha blender to be active, the CTI block must be enabled
via the CTI_EN bit.
Set CTI_AB_EN to 0 to disable the CTI alpha blender.
Set CTI_AB_EN to 1 (default) to enable the CTI alpha-blend
mixing function.
CTI_AB[1:0], Chroma Transient Improvement Alpha
Blend—Address 0x4D, Bits[3:2]
The CTI_AB[1:0] controls the behavior of alpha-blend circuitry
that mixes the sharpened chroma signal with the original one. It
thereby controls the visual impact of CTI on the output data.
For CTI_AB[1:0] to become active, the CTI block must be
enabled via the CTI_EN bit, and the alpha blender must be
switched on via CTI_AB_EN.
Sharp blending maximizes the effect of CTI on the picture;
however, it may also increase the visual impact of small amplitude,
high frequency chroma noise.
Table 50. CTI_AB Function
CTI_AB[1:0]
Description
00
Sharpest mixing between sharpened and
original chroma signal
01
Sharp mixing
10
Smooth mixing
11 (default)
Smoothest mixing between sharpened and
original chroma signal
CTI_C_TH[7:0], CTI Chroma Threshold—Address 0x4E,
Bits[7:0]
The CTI_C_TH[7:0] value is an unsigned, 8-bit number specifying
how big the amplitude step in a chroma transition must be if it
is going to be steepened by the CTI block. Programming a small
value into this register causes even smaller edges to be steepened by
the CTI block. Making CTI_C_TH[7:0] a large value causes the
block to improve large transitions only.
The default value for CTI_C_TH[7:0] is 0x08.
LUMA SIGNAL
DEMODULATED
CHROMA SIGNAL
LUMA SIGNAL WITH A
TRANSITION, ACCOMPANIED
BY A CHROMA TRANSITION
ORIGINAL, SLOW CHROMA
TRANSITION PRIOR TO CTI
SHARPENED CHROMA
TRANSITION AT THE
OUTPUT OF CTI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com