Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F72115D160FPV Datasheet(PDF) 436 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 436 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 432Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 433Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 434Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 435Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 436Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 437Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 438Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 439Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 440Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 436 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 412 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
2
CST2
0
R/W
1
CST1
0
R/W
0
CST0
0
R/W
Counter Start 2 to 0
These bits select operation or stoppage for TCNT.
If 0 is written to the CST bit during operation with the
TIOC pin designated for output, the counter stops but
the TIOC pin output compare output level is retained. If
TIOR is written to when the CST bit is cleared to 0, the
pin output level will be changed to the set initial output
value.
0: TCNT_2 to TCNT_0 count operation is stopped
1: TCNT_2 to TCNT_0 performs count operation
• TSTR_5
Bit :
Initial value:
R/W:
7654321
0
00000000
R
R
R
R
R
R/W
R/W
R/W
-----
CSTU5 CSTV5 CSTW5
Bit
Bit Name
Initial
Value
R/W
Description
7 to 3
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
2
CSTU5
0
R/W
Counter Start U5
Selects operation or stoppage for TCNTU_5.
0: TCNTU_5 count operation is stopped
1: TCNTU_5 performs count operation
1
CSTV5
0
R/W
Counter Start V5
Selects operation or stoppage for TCNTV_5.
0: TCNTV_5 count operation is stopped
1: TCNTV_5 performs count operation
0
CSTW5
0
R/W
Counter Start W5
Selects operation or stoppage for TCNTW_5.
0: TCNTW_5 count operation is stopped
1: TCNTW_5 performs count operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com