Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 30Page - Renesas Technology Corp 3819 Datasheet HTML 31Page - Renesas Technology Corp 3819 Datasheet HTML 32Page - Renesas Technology Corp 3819 Datasheet HTML 33Page - Renesas Technology Corp 3819 Datasheet HTML 34Page - Renesas Technology Corp 3819 Datasheet HTML 35Page - Renesas Technology Corp 3819 Datasheet HTML 36Page - Renesas Technology Corp 3819 Datasheet HTML 37Page - Renesas Technology Corp 3819 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 218 page
background image
20
3819 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
Fig. 10 Timer block diagram
XCIN
1/16
P46/T1OUT
Internal system
clock selection
bit
P62/CNTR0
P61/PWM
XIN
P46 direction register
P46 latch
“10”
“01”
“00”
Timer 1
count
source
selection bit
Timer 3 interrupt request
Timer 1 interrupt request
Timer 2 interrupt request
Timer 1 latch (8)
Timer 1 (8)
Timer 2 latch (8)
Timer 2 (8)
Timer 3 latch (8)
Timer 3 (8)
“0”
“1”
1/2
Timer 1 output
selection bit
Timer 1
count stop
bit
FF16
Data bus
RESET
STP instruction
Timer 4 interrupt request
Timer 5 interrupt request
Timer 6 interrupt request
Timer 2
count
source
selection bit
Timer 2
count stop
bit
“10”
“01”
“00”
Timer 3
count
source
selection bit
Timer 3
count stop bit
Timer 4
count
source
selection bit
Timer 4
count stop
bit
Timer 5
count
source
selection bit
Timer 5
count stop bit
Timer 6
count
source
selection bit
Timer 6
count stop
bit
“10”
“01”
“00”
“0”
“1”
“0”
“1”
“0”
“1”
“0”
“1”
P47 direction register
P47 latch
Timer 3 output
selection bit
P61 direction register
P61 latch
Timer 6 output
selection bit
P47/T3OUT
P63/CNTR1
Timer 4 latch (8)
Timer 4 (8)
Timer 5 latch (8)
Timer 5 (8)
Timer 6 latch (8)
Timer 6 (8)
Timer 6 PWM register (8)
PWM
1/2
Timer 6 operating
mode selection bit
Rising/falling
edge switch
Rising/falling
edge switch
0116
1/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com