Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 42Page - Renesas Technology Corp 3819 Datasheet HTML 43Page - Renesas Technology Corp 3819 Datasheet HTML 44Page - Renesas Technology Corp 3819 Datasheet HTML 45Page - Renesas Technology Corp 3819 Datasheet HTML 46Page - Renesas Technology Corp 3819 Datasheet HTML 47Page - Renesas Technology Corp 3819 Datasheet HTML 48Page - Renesas Technology Corp 3819 Datasheet HTML 49Page - Renesas Technology Corp 3819 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 218 page
background image
32
3819 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
Fig. 24 A-D converter block diagram
D-A CONVERTER
The 3819 group has internal D-A converter with 8-bit resolutions !
1 channel.
D-A conversion is performed by setting the value in the D-A con-
version register. The result of D-A conversion is output from the
DA pin by setting the DA output enable bit to “1” . At this time, the
corresponding bit (PB2/DA) of the port PB direction register should
be set to “0” (input status).
The output analog voltage V is determined with the value n
(n: decimal number) in the D-A conversion register as follows:
V=VREF ! n/256 (n=0 to 255)
VVREF: the reference voltage
At reset, the D-A conversion register is cleared to “0016”, the DA
output enable bits are cleared to “0”, and the PB2/DA pin goes to
high impedance state. The D-A output does not build in a buffer, so
connect an external buffer when driving a low-impedance load.
Set VCC to 3.0 V or more when using the D-A converter.
Fig. 25 D-A converter block diagram
Fig. 26 Equivalent connection circuit of D-A converter
A-D control circuit
A-D conversion register
Resistor ladder
VREF
AVSS
Comparator
A-D conversion interrupt request
b7
b0
4
8
P70/AN0
(Address 002D16)
AD-DA control register
(address 002C16)
P71/AN1
P72/AN2
P73/AN3
P74/AN4
P75/AN5
P76/AN6
P77/AN7
P50/SIN2/AN8
P51/Sout2/AN9
P52/SCLK2 /AN10
P53/SRDY2/AN11
P54/SIN3/AN12
P55/SOUT3/AN13
P56/SCLK3 /AN14
P57/SRDY3/AN15
Data bus
PB2/DA
D-A conversion register (8)
R-2R resistor ladder
DA output enable bit
AVSS
VREF
"0"
"1"
MSB
"0"
"1"
R
2R
LSB
PB2/DA
D-A conversion
register
DA output enable bit
2R
2R
2R
2R
2R
2R
2R
R
R
RRRR
2R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com