Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 94Page - Renesas Technology Corp 3819 Datasheet HTML 95Page - Renesas Technology Corp 3819 Datasheet HTML 96Page - Renesas Technology Corp 3819 Datasheet HTML 97Page - Renesas Technology Corp 3819 Datasheet HTML 98Page - Renesas Technology Corp 3819 Datasheet HTML 99Page - Renesas Technology Corp 3819 Datasheet HTML 100Page - Renesas Technology Corp 3819 Datasheet HTML 101Page - Renesas Technology Corp 3819 Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 218 page
background image
84
2. APPLICATION
MITSUBISHI MICROCOMPUTER
3819 Group
2.2 Timer
3819 Group USER’S MANUAL
Fig. 2.2.20 Setting of related registers [Measurement of frequency]
63
T1
Timer 1 (Address:2016)
Set "division ratio – 1"
255
T4
Timer 4 (Address:2316)
Set “255” to this register immediately before
count- ing pulse.
(After a certain time, this value is decreased by
the number of input pulses)
1
Timer 1 interrupt : Enabled
ICON1
Interrupt control register 1 (Address:3E16)
0
0
Timer 4 interrupt : Disabled
ICON2
Interrupt control register 2 (Address:3F16)
0
Judgment of Timer 4 interrupt request bit
(When this bit is set to “1” at reading out the
count value of the timer 4 (address:2316), 256
pulses or more are input (at setting 255 to the
Timer 4).)
IREQ2
Interrupt request register 2 (Address:3D16)
01
0
Timer 1 count source : f(XIN)/16
Timer 1 output selection : I/O port
(Not to be used timer 1 output)
Timer 1 count : Stopped
Set to “0” at starting to count.
T12M
Timer 12 mode register (Address:2816)
Timer 4 count source : External count input from CNTR1 pin.
Timer 4 count : Operating
T34M
Timer 34 mode register (Address:2916)
0
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com