Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 81Page - Renesas Technology Corp 3819 Datasheet HTML 82Page - Renesas Technology Corp 3819 Datasheet HTML 83Page - Renesas Technology Corp 3819 Datasheet HTML 84Page - Renesas Technology Corp 3819 Datasheet HTML 85Page - Renesas Technology Corp 3819 Datasheet HTML 86Page - Renesas Technology Corp 3819 Datasheet HTML 87Page - Renesas Technology Corp 3819 Datasheet HTML 88Page - Renesas Technology Corp 3819 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 218 page
background image
71
3819 Group USER’S MANUAL
MITSUBISHI MICROCOMPUTER
3819 Group
2.1 I/O port
2. APPLICATION
P0, P1, P20–P23, P3, P9
P24–P27, P41–P44, P46, P47, P5, P6,
P7, P8, PA, PB
P40
P45
VEE, AVSS
VREF
Fig. 2.1.3 Structure of Port Pi direction register (i = 4, 5, 6, 7, 8, A, B)
2.1.2 Handling of unused pins
Table 2.1.1 Handling of unused pins
Open
• Set to the input mode and connect to VCC or VSS through each resistor.
• Set to the output mode and open at “L” or “H.”
Connect to VSS(GND) through the resistor.
Connect to VCC through the resistor.
Connect to VSS(GND).
Connect to VSS(GND) through the resistor.
Name of Pins/Ports
Handling
Port Pi direction register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
Port Pi direction register
0
0
0
0
0
0
0
0
Port Pi direction register (PiD) (i = 4, 5, 6, 7, 8, A, B)
[Address:09 16, 0B16, 0D16, 0F16, 1116, 1516, 1716]
0 : Port Pi0 input mode
1 : Port Pi0 output mode
0 : Port Pi1 input mode
1 : Port Pi1 output mode
0 : Port Pi2 input mode
1 : Port Pi2 output mode
0 : Port Pi3 input mode
1 : Port Pi3 output mode
0 : Port Pi4 input mode
1 : Port Pi4 output mode
0 : Port Pi5 input mode
1 : Port Pi5 output mode
0 : Port Pi6 input mode
1 : Port Pi6 output mode
0 : Port Pi7 input mode
1 : Port Pi7 output mode
(Note)
!
!
!
!
!
!
!
!
Note :
(Note)
Port P4 direction register [Address:09 16]
Ports P40 and P45 are input ports. Accordingly, these bits do not have a
direction register function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com