Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 66Page - Renesas Technology Corp 3819 Datasheet HTML 67Page - Renesas Technology Corp 3819 Datasheet HTML 68Page - Renesas Technology Corp 3819 Datasheet HTML 69Page - Renesas Technology Corp 3819 Datasheet HTML 70Page - Renesas Technology Corp 3819 Datasheet HTML 71Page - Renesas Technology Corp 3819 Datasheet HTML 72Page - Renesas Technology Corp 3819 Datasheet HTML 73Page - Renesas Technology Corp 3819 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 218 page
background image
56
3819 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
ELECTRICAL CHARACTERISTICS (VCC = 4.0 to 5.5 V, Ta = –10 to 85°C, unless otherwise noted)
Symbol
Test conditions
• High-speed mode
f(XIN) = 8.4 MHz
f(XCIN) = 32 kHz
Output transistors “off”
• High-speed mode
f(XIN) = 8.4 MHz (in WIT state)
f(XCIN) = 32 kHz
Output transistors “off”
• Middle-speed mode
f(XIN) = 8.4 MHz
f(XCIN) = stopped
Output transistors “off”
• Middle-speed mode
f(XIN) = 8.4 MHz (in WIT state)
f(XCIN) = stopped
Output transistors “off”
• Low-speed mode
f(XIN) = stopped, f(XCIN) = 32 kHz
Low-power dissipation mode set
(CM3) = 0
Output transistors “off”
• Low-speed mode
f(XIN) = stopped
f(XCIN) = 32 kHz (in WIT state)
Low-power dissipation mode set
(CM3) = 0
Output transistors “off”
Increase at A-D converter operating
f(XIN) = 8.4 MHz
Increase at zero cross detection
(P45 = VCC)
All oscillation stopped
(in STP state)
Output transistors “off”
Limits
Min.
Typ.
7.5
1
3
1
60
20
0.6
1
0.1
Max.
15
200
40
1
10
Unit
mA
mA
mA
mA
µA
µA
mA
mA
µA
Ta = 25°C
Ta = 85°C
ICC
Parameter
Power source current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com