Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 60Page - Renesas Technology Corp 3819 Datasheet HTML 61Page - Renesas Technology Corp 3819 Datasheet HTML 62Page - Renesas Technology Corp 3819 Datasheet HTML 63Page - Renesas Technology Corp 3819 Datasheet HTML 64Page - Renesas Technology Corp 3819 Datasheet HTML 65Page - Renesas Technology Corp 3819 Datasheet HTML 66Page - Renesas Technology Corp 3819 Datasheet HTML 67Page - Renesas Technology Corp 3819 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 218 page
background image
50
3819 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
Fig. 50 State transitions of system clock
Switch the mode by the allows shown between the mode blocks. (Do not switch between the mode directly without an allow.)
The all modes can be switched to the stop mode or the wait mode and return to the source mode when the stop mode or the wait mode
is ended.
Timer operates in the wait mode.
When the stop mode is released in middle/high-speed mode, a delay of approximately 0.5 ms occurs automatically by timer 1.
When the stop mode is released in low-speed mode, a delay of approximately 0.125 s occurs automatically by timer 1.
The example assumes that 8 MHz is being applied to the XIN pin and 32 kHz to the XCIN pin.
φ indicates the internal clock.
Low power dissipation mode (
φ =16 kHz)
CM7 = 1 (32 kHz selected)
CM6 = 0 (High-speed)
CM5 = 1 (XIN stopped)
CM4 = 1 (32 kHz oscillating)
CM
6
“1”
“0”
CM
4
“0”
“1”
b7
CPU mode register
(CPUM (CM) : address 003B 16)
CM4 : Port XC switch bit
0 : I/O port function
1 : XCIN-XCOUT oscillating function
CM5 : Main clock (XIN-XOUT) stop bit
0 : Oscillating
1 : Stopped
CM6 : Main clock division ratio selection bit
0 : f(XIN)/2 (high-speed mode)
1 : f(XIN)/8 (middle-speed mode)
CM7 : Internal system clock selection bit
0 : XIN-XOUT selected
(middle/high-speed mode)
1 : XCIN-XCOUT selected
(low-speed mode)
b0
Notes 1 :
2 :
3 :
4 :
5 :
Reset
CM
6
“1”
“0”
CM
4
“1”
“0”
CM6
“1”
“0”
CM6
“1”
“0”
CM6
“1”
“0”
High-speed mode (
φ = 4 MHz)
CM7 = 0 (8 MHz selected)
CM6 = 0 (High-speed)
CM5 = 0 (XIN oscillating)
CM4 = 1 (32 kHz oscillating)
CM6
“1”
“0”
Middle-speed mode (
φ =1 MHz)
CM7 = 0 (8 MHz selected)
CM6 = 1 (Middle-speed)
CM5 = 0 (XIN oscillating)
CM4 = 1 (32 kHz oscillating)
Middle-speed mode (
φ =1 MHz)
CM7 = 0 (8 MHz selected)
CM6 = 1 (Middle-speed)
CM5 = 0 (XIN oscillating)
CM4 = 0 (32 kHz stopped)
High-speed mode (
φ = 4 MHz)
CM7 = 0 (8 MHz selected)
CM6 = 0 (High-speed)
CM5 = 0 (XIN oscillating)
CM4 = 0 (32 kHz stopped)
Low-speed mode (
φ =16 kHz)
CM7 = 1 (32 kHz selected)
CM6 = 1 (Middle-speed)
CM5 = 0 (XIN oscillating)
CM4 = 1 (32 kHz oscillating)
Low-speed mode (
φ = 16 kHz)
CM7 = 1 (32 kHz selected)
CM6 = 0 (High-speed)
CM5 = 0 (XIN oscillating)
CM4 = 1 (32 kHz oscillating)
Low power dissipation mode (
φ =16 kHz)
CM7 = 1 (32 kHz selected)
CM6 = 1 (Middle-speed)
CM5 = 1 (XIN stopped)
CM4 = 1 (32 kHz oscillating)
CM
6
“1”
“0”
CM
5
“0”
“1”
CM
6
“1”
“0”
CM
5
“1”
“0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com