Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 29Page - Renesas Technology Corp 3819 Datasheet HTML 30Page - Renesas Technology Corp 3819 Datasheet HTML 31Page - Renesas Technology Corp 3819 Datasheet HTML 32Page - Renesas Technology Corp 3819 Datasheet HTML 33Page - Renesas Technology Corp 3819 Datasheet HTML 34Page - Renesas Technology Corp 3819 Datasheet HTML 35Page - Renesas Technology Corp 3819 Datasheet HTML 36Page - Renesas Technology Corp 3819 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 218 page
background image
19
3819 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
TIMERS
The 3819 group has 6 built-in timers: timer 1, timer 2, timer 3,
timer 4, timer 5, and timer 6.
Each timer has the 8-bit timer latch. The timers count down.
Once a timer reaches 0016, at the next count pulse the contents of
each timer latch is loaded into the corresponding timer, and sets
the corresponding interrupt request bit to “1”.
The count can be stopped by setting the stop bit of each timer to
“1”. The internal clock
φ can be set to either the high-speed mode
or low-speed mode with the CPU mode register. At the same time,
timer internal count source is switched to either f(XIN) or f(XCIN).
Timer 1 and Timer 2
The count sources of timer 1 and timer 2 can be selected by set-
ting the timer 12 mode register. A rectangular waveform of timer 1
underflow signal divided by 2 is output from the P46/T1OUT pin.
The waveform polarity changes each time timer 1 overflows. The
active edge of the external clock CNTR0 can be switched with the
bit 6 of the interrupt edge selection register.
At reset or when executing the STP instruction, all bits of the timer
12 mode register are cleared to “0”, timer 1 is set to “FF16”, and
timer 2 is set to “0116”.
Timer 3 and Timer 4
The count sources of timer 3 and timer 4 can be selected by set-
ting the timer 34 mode register. A rectangular waveform of timer 3
underflow signal divided by 2 is output from the P47/T3OUT pin.
The waveform polarity changes each time timer 3 overflows.
The active edge of the external clock CNTR1 can be switched with
the bit 7 of the interrupt edge selection register.
Timer 5 and Timer 6
The count sources of timer 5 and timer 6 can be selected by set-
ting the timer 56 mode register.
A rectangular waveform of timer 6 underflow signal divided by 2 is
output from the P61/PWM pin. The waveform polarity changes
each time timer 6 overflows.
Timer 6 PWM Mode
Timer 6 can output a rectangular waveform with duty cycle n/(n +
m) from the P61/PWM pin by setting the timer 56 mode register
(refer to fig. 12). The n is the value set in timer 6 latch (address
002516) and m is the value in the timer 6 PWM register (address
002716). If n is “0”, the PWM output is “L”, if m is “0”, the PWM out-
put is “H”(n=0 is prior than m=0). In the PWM mode, interrupts
occur at the rising edge of the PWM output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com