Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 87Page - Renesas Technology Corp 3819 Datasheet HTML 88Page - Renesas Technology Corp 3819 Datasheet HTML 89Page - Renesas Technology Corp 3819 Datasheet HTML 90Page - Renesas Technology Corp 3819 Datasheet HTML 91Page - Renesas Technology Corp 3819 Datasheet HTML 92Page - Renesas Technology Corp 3819 Datasheet HTML 93Page - Renesas Technology Corp 3819 Datasheet HTML 94Page - Renesas Technology Corp 3819 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 218 page
background image
77
3819 Group USER’S MANUAL
2. APPLICATION
MITSUBISHI MICROCOMPUTER
3819 Group
2.2 Timer
2.2.2 Timer application examples
(1) Basic functions and uses
[
[
[
[
[
Function 1 ]
]
]
]
]
Control of Event interval (Timers 1 to 6)
The Timer count stop bit is set to “0” after setting a count value to a timer. Then a timer interrupt request
occurs after a certain period.
[
[
[
[
[
Use ]
]
]
]
]
• Generation of an output signal timing
• Generation of a waiting time
[
[
[
[
[
Function 2 ]
]
]
]
]
Control of Cyclic operation : Generation of synchronous timing (Timers 1 to 6)
The value of a timer latch is automatically written to a timer each time a timer underflows, and a timer
interrupt request occurs.
[
[
[
[
[
Use ]
]
]
]
]
• Generation of cyclic interrupts
• Clock function (measurement of one second) ¡ Application example 1
• Control of a main routine cycle
[
[
[
[
[
Function 3 ]
]
]
]
]
Output of Rectangular waveform (Timers 1 and 3)
The output level of the TOUT pin is inverted every time a timer underflows. To output long-interval rectangular
waveforms (when division of 8 bits or more is necessary), the Timers 2 and 3 are connected .
[
[
[
[
[
Use ]
]
]
]
]
• A piezoelectric buzzer output ¡ Application example 2
• Generation of the remote-control carrier waveforms
[
[
[
[
[
Function 4] Count of External pulse (Timers 2 and 4)
External pulses input to the CNTR pin are selected as a timer count source.
[
[
[
[
[
Use ]
]
]
]
]
• Measurement of frequency (judging if the Video synchronization signal exits) ¡ Application example 3
• Division of external pulses and generation of interrupts in a cycle based on an external pulse.
(count of a reel pulse)
[
[
[
[
[
Function 5 ]
]
]
]
]
Output of PWM signal (Timer 6)
The pulses with each specified intervals of “H” and “L” are output.
[
[
[
[
[
Use ]
]
]
]
]
• Control of an electronic volume (connected with VCA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com