Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 71Page - Renesas Technology Corp 3819 Datasheet HTML 72Page - Renesas Technology Corp 3819 Datasheet HTML 73Page - Renesas Technology Corp 3819 Datasheet HTML 74Page - Renesas Technology Corp 3819 Datasheet HTML 75Page - Renesas Technology Corp 3819 Datasheet HTML 76Page - Renesas Technology Corp 3819 Datasheet HTML 77Page - Renesas Technology Corp 3819 Datasheet HTML 78Page - Renesas Technology Corp 3819 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 218 page
background image
61
3819 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
Port standard characteristic examples
Figures 56, 57, and 58 show port standard characteristic examples.
Fig. 56 Standard characteristic example of High-breakdown-voltage P-channel open-drain output port
Fig. 57 Standard characteristic example of CMOS output port at P-channel drive
[Port P87 IOH–VOH characteristic]
(Pins with same characteristic : P0, P1, P20–P23, P3, P8, P9, PA)
(Pins with same characteristic : P24–P27, P41–P44, P46, 47, P5, P6, P7, PB)
[Port P77 IOH–VOH characteristic (P-channel drive)]
01
23
45
6
0
–10
–20
–30
–40
–50
VOH (V)
IOH
(mA)
Vcc = 5.0V
25 °C
Vcc = 3.0V
25 °C
Vcc = 3.0V
90 °C
Vcc = 5.0V
90 °C
Vcc = 5.5V
90 °C
Vcc = 5.5V
25 °C
01
234
5
6
0
–20
–40
–60
–80
–100
VOH (V)
IOH
(mA)
Vcc = 3.0 V
90 °C
Vcc = 3.0 V
25 °C
Vcc = 5.0 V
90 °C
Vcc = 5.5 V
90 °C
Vcc = 5.5 V
25 °C
Vcc = 5.0 V
25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com