Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 55Page - Renesas Technology Corp 3819 Datasheet HTML 56Page - Renesas Technology Corp 3819 Datasheet HTML 57Page - Renesas Technology Corp 3819 Datasheet HTML 58Page - Renesas Technology Corp 3819 Datasheet HTML 59Page - Renesas Technology Corp 3819 Datasheet HTML 60Page - Renesas Technology Corp 3819 Datasheet HTML 61Page - Renesas Technology Corp 3819 Datasheet HTML 62Page - Renesas Technology Corp 3819 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 218 page
background image
45
3819 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
NOISE FILTER
The noise filter uses a sampling clock to remove the noise compo-
nent digitally from the input signal of P45/INT1/ZCR pin. The
sampling clock can be selected from 8
µs, 16 µs, or 32 µs (at
f(XIN)= 8.38 MHz) and this is used to change the noise component
to be removed. It is also possible to generate an internal trigger
and INT1/ZCR interrupt request directly without passing through
the noise filter. When passing through the noise filter, either both-
sided edge detection or one-sided edge detection can be selected
as the interrupt request generating source. The zero cross detec-
tion control register is used for this selection. Furthermore, switch
between rising edge and falling edge is performed with the bit 1 of
the interrupt edge selection register (address 003A16).
Fig. 42 Noise filter circuit diagram
Fig. 43 Timing of noise filter circuit
Input signal from
P45/INT1/ZCR pin
Sampling clock
RESET
R
Q
D
C
R
Q
D
C
Q
S
R
R
Q
D
C
“1”
“0”
One-sided/both-sided edge
detection selection bit
(bit 4 of ZCRCON)
INT1/ZCR
interrupt request
C
B
A
RESET
Sampling clock
Input signal from
P45/INT1/ZCR pin
A
B
C
(one-sided edge)
(both-sided edge)
INT1/ZCR
interrupt request
P45/INT1/ZCR
(Note 1)
0 V
(Note 2)
Switched with
bit 4 of ZCRCON
: Ignored this because of treating this as noise
: INT1/ZCR interrupt request occurs
Notes 1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com