Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 59Page - Renesas Technology Corp 3819 Datasheet HTML 60Page - Renesas Technology Corp 3819 Datasheet HTML 61Page - Renesas Technology Corp 3819 Datasheet HTML 62Page - Renesas Technology Corp 3819 Datasheet HTML 63Page - Renesas Technology Corp 3819 Datasheet HTML 64Page - Renesas Technology Corp 3819 Datasheet HTML 65Page - Renesas Technology Corp 3819 Datasheet HTML 66Page - Renesas Technology Corp 3819 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 218 page
background image
49
3819 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
Notes
Main clock stop bit (Note 3)
Middle/
High-speed mode
High-speed mode
or Low-speed mode
Main clock division ratio selection bit (Note 3)
Middle-speed mode
Timing
φ
(Internal clock)
WIT
instruction
QS
R
STP instruction
XIN
XOUT
Port XC switch bit (Note 3)
Internal system clock selection bit
Low-speed mode
(Note 1, 3)
Timer 1 count
source selection
bit (Note 2)
XCIN
XCOUT
“1”
“0”
Reset
Interrupt disable flag I
Interrupt request
1/4
1/2
1/2
Timer 1
“1”
“0”
“1”
“0”
“1”
“0”
SQ
R
QS
R
STP instruction
1 : When selecting the low-speed mode, set the port XC switch bit to “1”.
2 : Refer to the structure of timer 12 mode register.
3 : Refer to the structure of CPU mode register (next page).
Fig. 49 Clock generating circuit block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com